Electronic Components Datasheet Search
  English  ▼

X  

AP1186 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1186
Description  1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1186 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1186 Datasheet HTML 1Page - Diodes Incorporated AP1186 Datasheet HTML 2Page - Diodes Incorporated AP1186 Datasheet HTML 3Page - Diodes Incorporated AP1186 Datasheet HTML 4Page - Diodes Incorporated AP1186 Datasheet HTML 5Page - Diodes Incorporated AP1186 Datasheet HTML 6Page - Diodes Incorporated AP1186 Datasheet HTML 7Page - Diodes Incorporated AP1186 Datasheet HTML 8Page - Diodes Incorporated AP1186 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1186
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1186 Rev. 1
4 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Continued )
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and Tj = 0 to 150
oC. Typical value refers
to Tj = 25
oC. Vout = Vsense.
SYM.
Parameter
Test Condition
Min. Typ. Max. Unit
Thermal
Regulation
30ms Pulse
0.01 0.02 %W
Ripple Rejection
Vctrl = 5V, Vin = 5V, Io = 1.5A, Vadj = 0V, Tj = 25,
Vripple = 1Vpp at 120Hz
60
70
dB
Control Pin
Current
Vadj = 0V for all conditions below.
Vctrl = 2.75V, Vin = 2.05V, Io = 1.5A
6
25
mA
Iadj Adjust Pin Current Vctrl = 2.75V, Vin = 2.05,Vadj = 0
50
150
µA
ΘJC
Thermal
Resistance
Junction-to-Case
TO263-5L: Control Circuitry/Power Transistor
TO220-5L: Control Circuitry/Power Transistor
2.5
2.5
oC/W
Note:
3. AP1186-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable
maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com