Electronic Components Datasheet Search
  English  ▼

X  

AP1212 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1212
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1212 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1212 Datasheet HTML 4Page - Diodes Incorporated AP1212 Datasheet HTML 5Page - Diodes Incorporated AP1212 Datasheet HTML 6Page - Diodes Incorporated AP1212 Datasheet HTML 7Page - Diodes Incorporated AP1212 Datasheet HTML 8Page - Diodes Incorporated AP1212 Datasheet HTML 9Page - Diodes Incorporated AP1212 Datasheet HTML 10Page - Diodes Incorporated AP1212 Datasheet HTML 11Page - Diodes Incorporated AP1212 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1212
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
9 of 12
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
USB
Control
3.3V
5V
Power
Supply
0.1uF
2
1
3
4
7
IN
FLG1
EN1
FLG2
EN2
OUT1
OUT2
GND
6
0.1uF
33uF
33uF
0.1uF
8
5
GND
VBUS
D-
D+
GND
VBUS
D-
D+
Downstream
USB Ports
AP1212
ferrite bead
ferrite bead
ferrite bead
ferrite bead
Test Circuit
EN1
FLG1
FLG2
EN2
OUT1
IN
GND
OUT2
ON
OFF
ON
OFF
10K R2
10K R1
V
CC
+5V
R3>=10
R4>=10
0.1uF
C1
AP1212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com