Electronic Components Datasheet Search
  English  ▼

X  

LC0403SN Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # LC0403SN
Description  Common Mode Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

LC0403SN Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  LC0403SN Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Filter
◆
High common mode impedance at high frequency Effects excellent noise
suppression performance
◆
100% Lead(Pb) & Halogen-Free and RoHS compliant.
◆
FOR LAN Module application
MECHANICAL
Part Number
A(mm)
B(mm)
C(mm)
D1(mm)
D2(mm)
E(mm)
LC0403SN
3.4±0.20
1.6±0.20
2.0±0.20
0.66±0.10
0.64±0.10
0.27 REF
SCHEMATICS
Part Number
Inductance(uH)
[100kHz/0.1V]
Min.
DC Resistance
(Ω)Max.
Capacitance
(pF)Max
Rated Current
(mA)Max.
Rated Volt.
(Vdc)
Withstand Volt.
(Vdc)
Max.
IR(Ω) Min.
LC0403SN
60
1.8
15
200
50
125
10M
ELECTRICAL SPECIFICATIONS@25℃ (Operating temperature-40~+105℃ (Including self - temperature rise)
)
http://www.fpe.com.cn


Similar Part No. - LC0403SN

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC05C PROTEC-LC0402FC05C Datasheet
623Kb / 9P
200W LOW CAPACITANCE flip chip tvs array
LC0402FC05C PROTEC-LC0402FC05C Datasheet
625Kb / 9P
200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC08C PROTEC-LC0402FC08C Datasheet
623Kb / 9P
200W LOW CAPACITANCE flip chip tvs array
LC0402FC08C PROTEC-LC0402FC08C Datasheet
625Kb / 9P
200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC12C PROTEC-LC0402FC12C Datasheet
623Kb / 9P
200W LOW CAPACITANCE flip chip tvs array
More results

Similar Description - LC0403SN

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
Common Mode Filter
logo
LinkCom Manufacturing C...
LTC0361-50R LINKCOM-LTC0361-50R Datasheet
90Kb / 2P
Common Mode Filter
LTC0535-50R LINKCOM-LTC0535-50R Datasheet
104Kb / 2P
Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
Common Mode Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com