Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1509
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1509 Datasheet HTML 1Page - Diodes Incorporated AP1509 Datasheet HTML 2Page - Diodes Incorporated AP1509 Datasheet HTML 3Page - Diodes Incorporated AP1509 Datasheet HTML 4Page - Diodes Incorporated AP1509 Datasheet HTML 5Page - Diodes Incorporated AP1509 Datasheet HTML 6Page - Diodes Incorporated AP1509 Datasheet HTML 7Page - Diodes Incorporated AP1509 Datasheet HTML 8Page - Diodes Incorporated AP1509 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1509
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
4 of 12
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-50
IFB
Feedback Bias Current
VFB = 1.3V
(Adjustable version only)
-10
-100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
KHz
FSCP
Oscillator Frequency of
Short Circuit Protect
When current limit occurred
and VFB < 0.5V, Ta = 25
oC
10
30
50
KHz
1.4
VSAT
Saturation Voltage
IOUT = 2A
No outside circuit
VFB = 0V force driver on
1.25
1.5
V
Max. Duty Cycle (ON)
VFB = 0V force driver on
100
DC
Min. Duty Cycle (OFF)
VFB = 12V force driver off
0
%
ICL
Current Limit
Peak current
No outside circuit
VFB = 0V force driver on
3
A
Output = 0
No outside circuit
VFB = 12V force driver off
-200
uA
IL
Output = -1
Output
Leakage
Current
VIN = 22V
-5
mA
IQ
Quiescent Current
VFB = 12V force driver off
5
10
mA
150
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V
VIN = 22V
70
200
uA
VIL
Low (regulator ON)
-
0.6
VIH
ON/OFF Pin Logic Input
Threshold Voltage
High (regulator OFF)
2.0
1.3
-
V
IH
ON/OFF Pin Logic Input
Current
VLOGIC = 2.5V (OFF)
-0.01
IL
ON/OFF Pin Input
Current
VLOGIC = 0.5V (ON)
-0.1
-1
uA
ΘJC
Thermal Resistance
SOP-8L
Junction to
case
15
oC/W
ΘJA
Thermal Resistance
with a copper area of
approximately 3 in
2
SOP-8L
Junction to
ambient
70
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com