Electronic Components Datasheet Search
  English  ▼

X  

AP1513 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1513
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
6 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Enable function test
Feedback function test
Operation function test
1K
3K
1.2K
6.8K
1K
33K
Function Description
PWM Control
The AP1513 consists of DC/DC converters that employ a
pulse-width modulation (PWM) system.
In converters of the AP1513, the pulse width varies in a range
from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter
because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of
input voltage and load current.
Under Voltage Lockout
The under voltage lockout circuit of the AP1513 assures that the
high-side MOSFET driver outputs remain in the off state
whenever the supply voltage drops below 3.3V. Normal operation
resumes once VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is setting by the external resistor
connecting from VCC supply to OCSET. The internal 100uA sink
current crossing the resistor sets the voltage at the pin of OCSET.
When the PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered.
R
I
R
I
OCSET
OCSET
DS(ON)
LOAD
×
=
×
See above formula for setting the current limit value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com