Electronic Components Datasheet Search
  English  ▼

X  

AP1513SL-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1513SL-13
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513SL-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1513SL-13 Datasheet HTML 1Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 2Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 3Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1513SL-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1513
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
2 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
(Top View)
1
2
3
4
8
7
6
5
FB
Output
OCSET
AP1513
Output
EN
Vss
Vss
VCC
Pin
Name
Pin
No.
Description
FB
1
Feedback pin
EN
2
Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
OCSET
3
Add an external resistor to set max
output current
VCC
4
IC power supply pin
Output 5, 6
Switch Pin. Connect external
inductor/diode here. Minimize trace
area at this pin to reduce EMI
VSS
7, 8 GND Pin
Block Diagram
Pin Descriptions
Pin Assignments
Thermal
Shutdown
VEN
PWM-Switched
Control Circuit
VCC
Oscillation
Circuit
Output
EN
Reference Voltage
Source with Soft Start
100uA
OCSET
FB
Vss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com