Electronic Components Datasheet Search
  English  ▼

X  

AP1520 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1520
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1520 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1520 Datasheet HTML 1Page - Diodes Incorporated AP1520 Datasheet HTML 2Page - Diodes Incorporated AP1520 Datasheet HTML 3Page - Diodes Incorporated AP1520 Datasheet HTML 4Page - Diodes Incorporated AP1520 Datasheet HTML 5Page - Diodes Incorporated AP1520 Datasheet HTML 6Page - Diodes Incorporated AP1520 Datasheet HTML 7Page - Diodes Incorporated AP1520 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1520
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
4 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP1520
+
-
VSS
EN
CC
RA
RB
D1*
FB
Vcc
Output
CVcc
VOUT
VIN
ROCSET
OCSET
COUT
CIN
Optional
COCSET
CEN
REN
Option
100K
Note: VOUT = VFB x (1+RA/RB)
RB=0.7K~5K ohm
L1
22uH
6.8K
1.3K
3K
0.1uF
+
-
C
0.1uF
470uF
680uF
0.1uF
VIN = 12V, IMAX = 2A
VOUT
2.5V
3.3V
5V
L1 Value
22uH
27uH
33uH
*D1 = Diodes Inc. part number DFLS230L or SBR3U30P1.
Typical Performance Characteristics
AP1520 Vin vs. Frequency
(Vout=3.3V; Iout=0.2A)
310
315
320
325
330
335
340
345
350
3.6
4
6
8
10
12
14
16
18
Vin (V)
AP1520 Vin vs. FB
(Vout=3.3V; Iout=0.2A)
0.74
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
3.6
4
6
8
10
12
14
16
18
Vin (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com