Electronic Components Datasheet Search
  English  ▼

X  

15-006291 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 15-006291
Description  D-SUB FEMALE 9pos. SOLDER CUP with closed 4-40 UNC thread
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15-006291 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  15-006291 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15-006291 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 5 : 1 )
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
15-00629o CONEC ABC
dim. in mm
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1536
A3
1
D-SUB FEMALE
SEE NOTES
Lehmenkühler
30.09.14
26.01.15
Fischer
9pos. SOLDER CUP
with closed 4-40 UNC thread
2:1 (5:1)
15-00629
a
Original
2 x b
Ä5817
15.09.15
M.H.
1 x c
Ä5827
24.09.15 Unkrüer
2 x d
Ä6417
29.03.17
Lehm.
25 - 0,13
0,12
+
30,88
- 0,15
0,3
+
10°
4-40 UNC
4-40 UNC
SEE NOTE 12
8 - 0,23
0,02
+
1,16
n
(9x)
o (see note 8)
4,8
SW
16,46
- 0,25
0
+
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
NOTES:
1. RECOMMENDED SOLDER INSTRUCTION SEE SHEET 2
2. IP RATING: IP 67
3. SEALED TO WITHSTAND PRESSURE UP TO 1,45 PSI
FOR 30 MINUTES AFTER SOLDERING
4. METALSHELL: ZINC DIE CAST; min. 50µin NICKEL PLATING over COPPER
5. INSULATORS: PBT GF UL 94 V-0
6. SEALING GASKET: SILICONE
7. SEALING COMPOUND: EPOXY
8. CONTACTS: COPPER ALLOY; PLATING (SEE PART-NO.):
o PLEASE ADD 1 for 30µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD 3 for GOLD FLASH over NICKEL
SOLDER CUP ACCEPTS CABLE AWG 20
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. RECOMMENDED PANEL CUT-OUT ON SHEET 2
11. RECOMMENDED TORQUE FOR MOUNTING SCREW
35Ncm (3.1 in.LB) / max. 67Ncm (6 in.LB)
12. CONNECTOR IS PART MARKED: 15-00629o CONEC ABC
(see note 8)
SEALING
GASKET
SEALING
COMPOUND
RoHS compliant
d
d


Similar Part No. - 15-006291

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
More results

Similar Description - 15-006291

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-006343 CONEC-15-006343 Datasheet
231Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with open 4-40 UNC thread
26.01.15
15-006393 CONEC-15-006393 Datasheet
249Kb / 2P
D-SUB FEMALE 9pos. SOLDER CUP with open 4-40 UNC thread
26.01.15
15-006243 CONEC-15-006243 Datasheet
240Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-006303 CONEC-15-006303 Datasheet
340Kb / 2P
D-SUB FEMALE 15pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-006313 CONEC-15-006313 Datasheet
398Kb / 2P
D-SUB FEMALE 25pos. SOLDER CUP with closed 4-40 UNC thread
26.01.15
15-007733 CONEC-15-007733 Datasheet
439Kb / 1P
D-SUB FEMALE 9pos. MOLDED with closed 4-40 UNC thread
26.02.2016
15-007743 CONEC-15-007743 Datasheet
439Kb / 1P
D-SUB FEMALE 9pos. MOLDED with closed 4-40 UNC thread
26.02.2016
15-007853 CONEC-15-007853 Datasheet
263Kb / 2P
D-SUB FEMALE HD 15pos. SOLDER CUP with closed 4-40 UNC thread
23.09.2015
15-007863 CONEC-15-007863 Datasheet
349Kb / 2P
D-SUB FEMALE HD 26pos. SOLDER CUP with closed 4-40 UNC thread
23.09.2015
15-007873 CONEC-15-007873 Datasheet
381Kb / 2P
D-SUB FEMALE HD 44pos. SOLDER CUP with closed 4-40 UNC thread
23.09.2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com