Electronic Components Datasheet Search
  English  ▼

X  

AP1605 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1605
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1605 Datasheet HTML 1Page - Diodes Incorporated AP1605 Datasheet HTML 2Page - Diodes Incorporated AP1605 Datasheet HTML 3Page - Diodes Incorporated AP1605 Datasheet HTML 4Page - Diodes Incorporated AP1605 Datasheet HTML 5Page - Diodes Incorporated AP1605 Datasheet HTML 6Page - Diodes Incorporated AP1605 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
1 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
•
Low current consumption:
In operation: 100µA max.
Power off: 2µA max.
•
Input voltage: 2.5V to 7V
Adjustable version (+2.5%)
•
PWM/PFM dual Mode
•
Oscillation frequency: 300KHz (Typ.)
•
With a power-off function.
•
Built-in internal SW P-channel MOS
•
Lead Free and Green Package: SOP-8L
•
Lead Free Finish/RoHS Compliant (Note 1)
AP1605 consists of CMOS step-down switching regulator with
PWM/PFM dual mode control. These devices include a reference
voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AP1605 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM/PFM control circuit is able to
vary the duty ratio linearly 0%~0.25% (PFM) and 25%~100%
(PWM).
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input
voltage of up to 7V, it is also ideal when operating via an AC
adapter.
•
On-board power supply of battery
devices for portable telephones,
electronic notebooks, PDA, and other
hand-held sets
•
Power supplies for audio equipment,
including portable CD players and
headphone stereo equipment
•
Fixed voltage power supply for cameras,
video equipment and communications
equipment
•
Power supplies for microcomputers.
•
Conversion from four Ni-H or Ni-Cd cells or
two lithium-ion cells to 3.3V/3V
•
Conversion of AC adapter input to 5V/3V
AP1605 X X X
Package
Packing
- U : Tube
-13 : Taping
S : SOP-8L
Lead-Free
L : Lead-Free
G : Green
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Tube
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1605S
S
SOP-8L
100
-U
2500/Tape & Reel
-13


Similar Part No. - AP1605

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
logo
Diodes Incorporated
AP1605 DIODES-AP1605 Datasheet
147Kb / 8P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
AP1605 DIODES-AP1605 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
logo
Anachip Corp
AP1605S ANACHIP-AP1605S Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
AP1605SA ANACHIP-AP1605SA Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
More results

Similar Description - AP1605

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
PWM/PFM Dual-mode Step-Down Switching Regulator
Rev. 1.1 Jan 18, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1605 DIODES-AP1605_09 Datasheet
147Kb / 8P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Rev 3
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com