Electronic Components Datasheet Search
  English  ▼

X  

AP1701 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1701
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1701 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1701 Datasheet HTML 1Page - Diodes Incorporated AP1701 Datasheet HTML 2Page - Diodes Incorporated AP1701 Datasheet HTML 3Page - Diodes Incorporated AP1701 Datasheet HTML 4Page - Diodes Incorporated AP1701 Datasheet HTML 5Page - Diodes Incorporated AP1701 Datasheet HTML 6Page - Diodes Incorporated AP1701 Datasheet HTML 7Page - Diodes Incorporated AP1701 Datasheet HTML 8Page - Diodes Incorporated AP1701 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
4 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Function Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The AP1701/2/3/4 assert reset to prevent
code-execution errors during power-up, power-down, or
brownout conditions. They assert a reset signal whenever the VCC
supply voltage declines below a preset threshold, keeping it
asserted for at least 240ms after VCC has risen above the reset
threshold. The AP1701/2/3/4 have a push-pull output stage.
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the AP1701/2/3/4 are
relatively immune to short-duration negative-going VCC transients
(glitches).
The AP1701/2/3/4 do not generate a reset pulse. The
graph was generated using a negative going pulse applied to VCC,
starting 0.5V above the actual reset threshold and ending below it
by the magnitude indicated (reset comparator overdrive). The
graph indicates the maximum pulse width a negative going VCC
transient can have without causing a reset pulse. As the
magnitude of the transient increases (goes farther below the
reset threshold), the maximum allowable pulse width decreases.
Typically, a VCC transient that goes 100mV below the reset
threshold and lasts 100µs or less will not cause a reset pulse. A
0.1µF bypass capacitor mounted as close as possible to the VCC
pin provides additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
RESET is guaranteed to be a logic low for V
CC > 1V.
Once VCC exceeds the reset threshold, an internal timer keeps
RESET low for the reset timeout period; after this interval,
RESET goes high. If a brownout condition occurs (V
CC dips
below the reset threshold),
RESET goes low. Any time V
CC
goes below the reset threshold, the internal timer resets to zero,
and
RESET goes low. The internal timer starts after V
CC
returns above the reset threshold, and
RESET remains low
for the reset timeout period.
When VCC falls below 1V, the AP1701/3
RESET
output no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs connected to
RESET can drift to undetermined voltages.
This presents no problem in most applications since most µP and
other circuitry is inoperative with VCC below 1V. However, in
applications where
RESET must be valid down to 0V, adding a
pull down resistor to
RESET causes any stray leakage
currents to flow to ground, holding
RESET low. R1’s value is
not critical; 100k are large enough not to load
RESET and
small enough to pull
RESET to ground. For the AP1702/4 if
RESET is required to remain valid for V
CC < 1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages
between 5% and 10% below the value of nominal supply voltages.
This ensures a reset will not occur within 5% of the nominal
supply, but will occur when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves
a zone of uncertainty where the supply is between 5% and 10%
low, and where the reset may or may not be asserted.
RESET
Block Diagram
VREF
Delay Circuit
Driver
RESET
/ RESET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com