Electronic Components Datasheet Search
  English  ▼

X  

ATS177 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 1 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
1 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
3.5V to 20V DC operation voltage
•
Temperature compensation
•
Wide operating voltage range
•
Open-Collector pre-driver
•
25mA maximum sinking output current.
•
Reverse polarity protection
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
•
Package: SIP-3L
ATS177 is an integrated Hall effect latched sensor designed for
electronic commutation of brush-less DC motor applications. The
device includes an on-chip Hall voltage generator for magnetic
sensing, a comparator that amplifies the Hall voltage, and a
schmitt trigger to provide switching hysteresis for noise rejection,
and open-collector output. An internal bandgap regulator is used
to provide temperature compensated supply voltage for internal
circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, DO is turned
on(low). The output state is held until a magnetic flux density
reversal falls below Brp causing DO to be turned off (high).
Applications
•
Brush-less DC Motor
•
Brush-less DC Fan
•
Revolution counting
•
Speed measurement
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Bulk is for SIP-3L Straight Lead.
4. Ammo Box is for SIP-3L Spread Lead.
Features
General Description
Ordering Information
Tube/Bulk
7” Tape and Reel
Ammo Box
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
ATS177-P
P
SIP-3L
1000
-B
NA
NA
4000/Box
-A
ATS177 X X X - X
Packing
-B : Bulk (Note 3)
-A : Ammo Box (Note 4)
P:SIP-3L
Package
Lead
L : Lead Free
Magnetic
Characteristics
A or B
-


Similar Part No. - ATS177

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-PG-A-A DIODES-ATS177-PG-A-A Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-PG-A-B DIODES-ATS177-PG-A-B Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
ATS177-PG-B-A DIODES-ATS177-PG-B-A Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
More results

Similar Description - ATS177

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Unisonic Technologies
U652 UTC-U652 Datasheet
132Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com