Electronic Components Datasheet Search
  English  ▼

X  

AP2004S Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2004S
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2004S Datasheet(HTML) 7 Page - Diodes Incorporated

  AP2004S Datasheet HTML 1Page - Diodes Incorporated AP2004S Datasheet HTML 2Page - Diodes Incorporated AP2004S Datasheet HTML 3Page - Diodes Incorporated AP2004S Datasheet HTML 4Page - Diodes Incorporated AP2004S Datasheet HTML 5Page - Diodes Incorporated AP2004S Datasheet HTML 6Page - Diodes Incorporated AP2004S Datasheet HTML 7Page - Diodes Incorporated AP2004S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP2004
PWM BUCK CONTROLLER
AP2004 Rev. 2
7 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Characteristics (Continued)
SOFT-START TIME (Ts)
vs.
SOFT-START CAPACITOR (Css)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
200
Css (nF)
(1)
SOP-8L
SOP
Year: "01" =2001
"02" =2002
Xth week: 01~52
AP2004
(Top view)
YY WW
Part Number
Logo
X
Blank : Lead - Free Package
G : Green
5
8
4
1
Internal code
X
Marking Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com