Electronic Components Datasheet Search
  English  ▼

X  

AP2008S Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2008S
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2008S Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2008S Datasheet HTML 1Page - Diodes Incorporated AP2008S Datasheet HTML 2Page - Diodes Incorporated AP2008S Datasheet HTML 3Page - Diodes Incorporated AP2008S Datasheet HTML 4Page - Diodes Incorporated AP2008S Datasheet HTML 5Page - Diodes Incorporated AP2008S Datasheet HTML 6Page - Diodes Incorporated AP2008S Datasheet HTML 7Page - Diodes Incorporated AP2008S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP2008
PWM BUCK CONTROLLER
AP2008 Rev. 2
5 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Continued) (T
A=25ºC, VCC=6V, f=200 Khz)
Output section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ILEAK
Leakage current
VO = 20V
10
µA
Sink current
VIN= 12V
200
mA
IDRV
Source current
VIN= 12V
200
mA
VSAT
Output saturation voltage
IO = 10 mA
1.0
1.5
V
ISC
Short-circuit output current
VO = 6V
120
mA
PWM comparator
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VT0
CT=6800pF
0.6
0.7
V
VT100
Input threshold voltage at f =
10 KHz (COMP)
Maximum duty cycle
1.2
1.3
V
Total device
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICCA
Average supply current
CT = 270pF
6
10
mA
Soft Start
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSS
Soft-start Voltage
2.3
V
ISS
Constant Charge Current
20
µA
Typical Application Circuit
L1
10uH
R1
R2
C3
470uF
Output
Step-Down DC/DC converter
C2
10nF
(Optional)
Vcc = 12V
P mos
Q1
C6 220nF
C5 50nF
C4 270pF
1K
4K
C1
470uF
5A
R3 30K
C4
50nF
(Optional)
1V/5A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com