Electronic Components Datasheet Search
  English  ▼

X  

SD103CW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103CW
Description  SCHOTTKY BARRIER SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103CW Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103CW Datasheet HTML 1Page - Diodes Incorporated SD103CW Datasheet HTML 2Page - Diodes Incorporated SD103CW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AW - SD103CW
SCHOTTKY BARRIER SWITCHING DIODE
Features
•
Low Forward Voltage Drop
•
Guard Ring Construction for Transient Protection
•
Negligible Reverse Recovery Time
•
Very Low Reverse Capacitance
•
Lead Free/RoHS Compliant (Note 3)
Mechanical Data
•
Case: SOD-123
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Leads: Solderable per MIL-STD-202, Method
208
•
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe)
•
Polarity: Cathode Band
•
Marking: Date Code and Type Code, See Page 3
•
Type Codes:
SD103AW
S4
SD103BW
S5 or S4
SD103CW
S6 or S5 or S4
•
Ordering Information: See Page 3
•
Weight: 0.01 grams (approximate)
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
—
1.35
0.45
0.65
E
0.55 Typical
G
0.25
—
H
0.11 Typical
J
—
0.10
α
0
°
8
°
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
SD103AW
SD103BW
SD103CW
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current @ t
≤ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
300
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
SD103AW
SD103BW
SD103CW
V(BR)R
40
30
20
⎯
⎯
V
IR = 100μA
Forward Voltage Drop
VFM
⎯
⎯
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 2)
SD103AW
SD103BW
SD103CW
IRM
⎯
⎯
5.0
μA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
⎯
28
⎯
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
10
⎯
ns
IF = IR = 200mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration test pulse used to minimize self-heating effect.
3.
No purposefully added lead.
DS11013 Rev. 21 - 2
1 of 3
www.diodes.com
SD103AW-SD103CW
© Diodes Incorporated
SPICE MODELS: SD103AW SD103BW SD103CW


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
General Semiconductor
SD103CW GE-SD103CW Datasheet
130Kb / 3P
Schottky Diodes
logo
Weitron Technology
SD103CW WEITRON-SD103CW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103CW DIOTEC-SD103CW Datasheet
102Kb / 2P
Surface Mount Si-Schottky Diodes
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
LL6263 DIODES-LL6263 Datasheet
57Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS30076 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com