Electronic Components Datasheet Search
  English  ▼

X  

HEF4752VP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4752VP
Description  A.C. motor control circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4752VP Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4752VP Datasheet HTML 1Page - NXP Semiconductors HEF4752VP Datasheet HTML 2Page - NXP Semiconductors HEF4752VP Datasheet HTML 3Page - NXP Semiconductors HEF4752VP Datasheet HTML 4Page - NXP Semiconductors HEF4752VP Datasheet HTML 5Page - NXP Semiconductors HEF4752VP Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC CHARACTERISTICS
VSS =0 V
PARAMETER
VDD
V
SYMBOL
Tamb (°C)
UNIT
CONDITIONS
−40
+ 25
+ 85
MIN. MAX.
MIN.
MAX. MIN. MAX.
Quiescent device current
5
IDD
−
50
−
50
−
375
µA
all valid input combinations;
10
−
100
−
100
−
750
µAV
I =VSS or VDD
Input leakage current
10
± IIN
−−
−
0,3
−
1
µAVI = 0 or 10 V
Input voltage HIGH
5
VIH
3,5
−
3,5
−
3,5
−
V
inputs: group I
10
7,0
−
7,0
−
7,0
−
V
Input voltage LOW
5
VIL
−
1,5
−
1,5
−
1,5
V
inputs: group I
10
−
3,0
−
3,0
−
3,0
V
Output voltage HIGH
5
VOH
4,95
−
4,95
−
4,95
−
V
VI =VSS or VDD; IO< 1 µA
10
9,95
−
9,95
−
9,95
−
V
Output voltage LOW
5
VOL
−
0,05
−
0,05
−
0,05
V
VI =VSS or VDD; IO< 1 µA
10
−
0,05
−
0,05
−
0,05
V
Input tripping level;
5
Vti
1,5
4,0
1,5
4,0
1,5
4,0
V
inputs: group II
input voltage increasing
10
3,0
8,0
3,0
8,0
3,0
8,0
V
Input tripping level;
5
Vtd
1,0
3,5
1,0
3,5
1,0
3,5
V
inputs: group II
input voltage decreasing
10
2,0
7,0
2,0
7,0
2,0
7,0
V
Output current LOW
5
IOL
0,45
−
0,38
−
0,3
−
mA
VOL = 0,4 V
outputs: groups I and II
10
1,4
−
1,17
−
0,9
−
mA
VOL = 0,5 V
Output current HIGH
5
−IOH
0,3
−
0,25
−
0,2
−
mA
VOH = 4,6 V
outputs: group I
10
0,9
−
0,75
−
0,6
−
mA
VOH = 9,5 V
Output current HIGH
5
−I
OH
0,9
−
0,75
−
0,6
−
mA
VOH = 2,5 V
outputs: group I
Output current HIGH
5
−IOH
0,6
−
0,5
−
0,4
−
mA
VOH = 4,6 V
outputs: groups II
10
1,8
−
1,5
−
1,2
−
mA
VOH = 9,5 V
Output current HIGH
5
−I
OH
1,8
−
1,5
−
1,2
−
mA
VOH = 2,5 V
outputs: group II
Total supply current
10
Itot
−−
typ. 2
−−−
mA
IOL =IOH = 0; frequency applied to
inputs; FCT = 700 kHz; VCT = 400 kHz;
RCT = 400 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com