Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC846
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846 Datasheet(HTML) 1 Page - Diodes Incorporated

  BC846 Datasheet HTML 1Page - Diodes Incorporated BC846 Datasheet HTML 2Page - Diodes Incorporated BC846 Datasheet HTML 3Page - Diodes Incorporated BC846 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC846A - BC848C
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Features
•
Ideally Suited for Automatic Insertion
•
Complementary PNP Types Available (BC856-BC858)
•
For Switching and AF Amplifier Applications
•
Lead Free/RoHS Compliant (Note 3)
•
Qualified to AEC-Q101 Standards for High
Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Pin Connections: See Diagram
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Approximate Weight: 0.008 grams
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Marking Code (Note 2)
Type
Marking
Type
Marking
BC846A
1A, K1Q
BC847C
1G, K1M
BC846B
1B, K1R
BC848A
1J, K1J, K1E, K1Q
BC847A
1E, K1E, K1Q
BC848B
1K, K1K, K1F, K1R
BC847B
1F, K1F, K1R
BC848C
1L, K1L, K1M
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC846
BC847
BC848
VCBO
80
50
30
V
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
65
45
30
V
Emitter-Base Voltage
BC846, BC847
BC848
VEBO
6.0
5.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Current gain subgroup “C” is not available for BC846.
3.
No purposefully added lead.
DS11108 Rev. 21 - 2
1 of 4
www.diodes.com
BC846A-BC848C
© Diodes Incorporated
SPICE MODEL: BC846A BC846B BC847A BC847B BC847C
BC848A BC848B BC848C


Similar Part No. - BC846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Fairchild Semiconductor
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC846 GE-BC846 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC846 KEC-BC846 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC846

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com