Electronic Components Datasheet Search
  English  ▼

X  

BAL99 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAL99
Description  SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAL99 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAL99 Datasheet HTML 1Page - Diodes Incorporated BAL99 Datasheet HTML 2Page - Diodes Incorporated BAL99 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DS12009 Rev. 12 - 2
1 of 3
BAL99
www.diodes.com
ã Diodes Incorporated
BAL99
SURFACE MOUNT SWITCHING DIODE
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin
Finish annealed over Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: KJF, JF, See Page 2
·
Weight: 0.008 grams (approx.)
·
Ordering Information: See Page 2
Mechanical Data
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Forward Voltage (Note 2)
VF
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
¾
2.5
50
30
25
m
A
m
A
m
A
nA
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 20V
Total Capacitance
CT
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for Automatic
Insertion
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0°
8°
All Dimensions in mm
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
SPICE MODEL: BAL99


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com