Electronic Components Datasheet Search
  English  ▼

X  

ISG2021 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2021
Description  Field Stop IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2021 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2021 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2021 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2021 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISG2021
eq FGH60N60UFD
Field Stop IGBT
www.iscsemi.com
1
DESCRIPTION
·
Low Saturation Voltage:VCE(sat)=2.4V@IC= 60A
·
High Current Capability
·
High Input Impedance
·
Fast Switching
APPLICATIONS
·
Induction Heating,UPS
·
AC & DC motor controls and general purpose inverters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
120
A
IC
Collector Current-Continuous
@ TC=100℃
60
A
ICM
Pulsed Collector Current@ TC=25℃
180
A
PD
Power Dissipation ,
TC=25℃
298
W
PD
Power Dissipation ,
TC=100℃
119
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - ISG2021

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2021 ISC-ISG2021 Datasheet
393Kb / 4P
Field Stop and trench IGBT
More results

Similar Description - ISG2021

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT200GN60B2G MICROSEMI-APT200GN60B2G Datasheet
168Kb / 6P
Field Stop IGBT
logo
ON Semiconductor
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
IGBT - Field Stop II
July, 2015 ??Rev. 1
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
ON Semiconductor
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com