Electronic Components Datasheet Search
  English  ▼

X  

ISG2020 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2020
Description  IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2020 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2020 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2020 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2020 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2020 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISG2020
eq FGL40N120AND
IGBT
www.iscsemi.com
1
DESCRIPTION
·
Low Saturation Voltage:VCE(sat)=2.6V@IC= 40A
·
High Current Capability
·
High Input Impedance
·
Fast Switching
APPLICATIONS
·
Induction Heating,UPS
·
AC & DC motor controls and general purpose inverters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNI
T
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
25
V
IC
Collector Current-Continuous
@ TC=25℃
64
A
IC
Collector Current-Continuous
@ TC=100℃
40
A
ICM
Pulsed Collector Current@ TC=25℃
160
A
PD
Power Dissipation ,
TC=25℃
500
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - ISG2020

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2021 ISC-ISG2021 Datasheet
369Kb / 3P
Field Stop IGBT
ISG2021 ISC-ISG2021 Datasheet
393Kb / 4P
Field Stop and trench IGBT
ISG2026 ISC-ISG2026 Datasheet
298Kb / 3P
IGBT
ISG2027 ISC-ISG2027 Datasheet
372Kb / 4P
IGBT with fast recovery diode
More results

Similar Description - ISG2020

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
F3L200R12N2H3_B47 INFINEON-F3L200R12N2H3_B47 Datasheet
962Kb / 16P
IGBT,Wechselrichter / IGBT,Inverter
V3.0 2018-06-29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com