| Electronic Components Datasheet Search |
|
HEF4753 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEF4753 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 10 page ![]() January 1995 8 Philips Semiconductors Product specification Universal timer module HEF4753B LSI 7. Digital pulse duration selector mode (Y = Z = LOW) This mode is a combination of two circuits, both used for frequency recognition. Both circuits are driven by the same clock and same input signal, but programmed for different frequencies. The LFC input of the low-frequency circuit is set to logic LOW, the output is connected to the LFC input of the high-frequency circuit, whose output (OUT) is the ‘filter’ output. The delay time depends on the same facts as given in note 2.. For timing diagram see Fig.9. Notes to operating modes 1. The number of clocks for one cycle in the counter and divider mode is: a. Contents of programmable counter plus one if X = W = LOW. b. Contents of programmable counter multiplied by 16, 256 or 4096 if X and/or W = HIGH. 2. The delay in the modes 3, 4, 6 and 7, and the delay which is identical to the maximum duration of the transient pulse in mode 5 depend on the optional divided clock frequency, the input conditions of the 8-bit presetable counter and in addition, different times of propagation delays, jitter and maximum one half of a clock frequency period. Fig.9 Timing diagram for digital pulse duration selector mode; tIN1, tIN2 and tIN3 are the IN input pulse durations; t1 = predefined delay by programming IC1; t2 = predefined delay by programming IC2. Minimum dividing number is 3. A B C D E F G H W X LFC Y Z L L L HHHHH L L L H H IC1 L L HHHHHH L L OUT (IC1) L L IC2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |