Electronic Components Datasheet Search
  English  ▼

X  

XC62HR2002PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62HR2002PR
Description  Positive Voltage Regulators (Output ON/OFF)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR2002PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62HR2002PR Datasheet HTML 1Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 2Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 3Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 4Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 5Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 6Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 7Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 8Page - Torex Semiconductor XC62HR2002PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
506
XC62H Series
SERIES
CE
VOLTAGE OUTPUT
H
ON
XC62HR
L
OFF
H
OFF
XC62HP
L
ON
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
R
: Positive
①
CE Pin Logic
P
: Negative (Custom)
② ③
Output Voltage
20~60
:e.g. VOUT 3.0V → ②=3, ③=0
VOUT 5.0V → ②=5, ③=0
④
Temperature Characteristics
0
: + 100ppm (TYP.)
1
: + 1% (semi-custom)
⑤
Output Voltage Accuracy
2
: + 2%
M
: SOT-23
P
: SOT-89-5
⑥
Package Type
D
: USP-6B
R
: Embossed tape, standard feed
⑦
Device Orientation
L
: Embossed tape, reverse feed
PIN NUMBER
SOT-25 SOT-89-5 USP-6B
PIN NAME
FUNCTION
1
4
2, 5
(NC)
No Connection
2
2
1
VIN
Supply Voltage Input
3
3
6
CE
Chip Enable
4
1
4
VSS
Ground
5
5
3
VOUT
Regulated Output Voltage
■
PIN CONFIGURATION
*The dissipation pad for the USP-6B
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VIN pin.
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC62H①②③④⑤⑥⑦
■
FUNCTION
H = High level
L = Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com