Electronic Components Datasheet Search
  English  ▼

X  

PKFC08C Datasheet(PDF) 2 Page - Protek Devices

Part # PKFC08C
Description  PACKAGED FLIP CHIP ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PKFC08C Datasheet(HTML) 2 Page - Protek Devices

  PKFC08C Datasheet HTML 1Page - Protek Devices PKFC08C Datasheet HTML 2Page - Protek Devices PKFC08C Datasheet HTML 3Page - Protek Devices PKFC08C Datasheet HTML 4Page - Protek Devices PKFC08C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
05180.R4 2/07
www.protekdevices.com
*PATENT PENDING
PKFC3.3C*
thru
PKFC36C*
DEVICE CHARACTERISTICS
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
TA
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 8/20µs) - See Figure 1
PPP
250
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
250W, 8/20µs Waveform
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
V
C @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
PKFC3.3C
PKFC05C
PKFC08C
PKFC12C
PKFC15C
PKFC24C
PKFC36C
3.3
5.0
8.0
12.0
15.0
24.0
36.0
4.0
6.0
8.5
13.3
16.7
26.7
40.0
7.0
9.8
13.4
19.0
24.0
43.0
64.0
12.5V @ 20A
14.7V @ 17A
19.2V @ 13A
29.7V @ 9.0A
35.7V @ 7.0A
55.0V @ 5.0A
84.0V @ 3.0A
150
100
75
50
40
30
25
MAXIMUM
LEAKAGE
CURRENT
(See Note 2)
@V
WM
I
D
µA
75*
10**
10***
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
Note 1: All devices are bidirectional. Electrical characteristics apply in both directions.
Note 2: *Typical leakage current < 5µA @ 2.8V. **Typical leakage current <500nA @ 3.3V. ***Typical leakage current <200nA @ 5V.
DEVICE
MARKING
CODE
03
05
08
12
15
24
36



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com