Electronic Components Datasheet Search
  English  ▼

X  

PHP440 Datasheet(PDF) 3 Page - Protek Devices

Part # PHP440
Description  AC POWER BUS VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PHP440 Datasheet(HTML) 3 Page - Protek Devices

  PHP440 Datasheet HTML 1Page - Protek Devices PHP440 Datasheet HTML 2Page - Protek Devices PHP440 Datasheet HTML 3Page - Protek Devices PHP440 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
05027.R5 2/07
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
TEST
WAVEFORM
PARAMETERS
tf = 10µs
td = 1000µs
tf
Peak Value IPP
td = t IPP/2
e-t
0
1
2
3
t - Time - ms
100
50
0
FIGURE 2
PULSE WAVE FORM
Peak Pulse Power
10/1000µs
Average Power
0
25
50
75
100
125
150
TL - Lead Temperature - °C
100
80
60
40
20
0
FIGURE 3
POWER DERATING CURVE
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
15kW 10/1000µs
Waveform
0.1
1
10
100
1000
10000
100000
td - Pulse Duration - µs
1000
100
10
1
7.5kW 10/1000µs
Waveform
GRAPHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com