Electronic Components Datasheet Search
  English  ▼

X  

HTOT840 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HTOT840
Description  HITAGTM Antenna Tuning Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTOT840 Datasheet(HTML) 6 Page - NXP Semiconductors

  HTOT840 Datasheet HTML 1Page - NXP Semiconductors HTOT840 Datasheet HTML 2Page - NXP Semiconductors HTOT840 Datasheet HTML 3Page - NXP Semiconductors HTOT840 Datasheet HTML 4Page - NXP Semiconductors HTOT840 Datasheet HTML 5Page - NXP Semiconductors HTOT840 Datasheet HTML 6Page - NXP Semiconductors HTOT840 Datasheet HTML 7Page - NXP Semiconductors HTOT840 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HTOT840
Rev. 1.1
1996-11-22
Htot840.doc/HS
Page 6 of 9
4.1. Tuning HITAG Long Range Antennas
The device has to be switched to long range mode.
The current should be about 200 mA, a tolerance of
± 10 mA is acceptable.
A current below the tolerance limit implies, that the antenna is badly detuned.
If the current is over the upper tolerance limit you should check the output current of the
read/write device. It should be 200 mA
± 10 mA. Otherwise the function of the read/write
device should be checked.
For tuning of the antenna refer to the measured phase. The phase should be 0°
± 15° (at a
current of 200 mA).
• If the phase is too high (direction: inductive) the tuning capacity has to be
decreased.
• If the phase is too low (direction: capacitive) the tuning capacity has to be
increased.
After tuning of the antenna the tuning device should be removed.
4.2. Tuning HITAG Proximity Antennas
The device has to be switched to proximity mode (changing the sensitivity).
For tuning of the antenna refer to the measured phase. The phase should be 0°
± 10°.
• If the phase is too high (direction: inductive) the tuning capacity has to be
decreased.
• If the phase is too low (direction: capacitive) the tuning capacity has to be
increased.
For HITAG proximity systems the current reaches its maximum when the
antenna is tuned exactly. An approximate value for the current is:
60 to 70 mA
± 10 mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com