Electronic Components Datasheet Search
  English  ▼

X  

EMD29 Datasheet(PDF) 5 Page - Rohm

Part # EMD29
Description  General purpose transistor (isolated transistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD29 Datasheet(HTML) 5 Page - Rohm

  EMD29 Datasheet HTML 1Page - Rohm EMD29 Datasheet HTML 2Page - Rohm EMD29 Datasheet HTML 3Page - Rohm EMD29 Datasheet HTML 4Page - Rohm EMD29 Datasheet HTML 5Page - Rohm EMD29 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMD29
Transistors
Rev.A
5/5
DTr2
INPUT VOLTAGE : VI (off)
(V)
0
3
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1
1.5
2
2.5
VCC=5V
Ta=100˚C
25˚C
−40˚C
Fig.7 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=0.3V
Ta=
−40˚C
25˚C
100˚C
Fig.8 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
Ta=100˚C
25˚C
−40˚C
Fig.9 Output voltage vs. output
current
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ1m 2m 5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VO=5V
Ta=100˚C
25˚C
−40˚C
Fig.10 DC current gain vs. output
current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com