Electronic Components Datasheet Search
  English  ▼

X  

FML9 Datasheet(PDF) 2 Page - Rohm

Part # FML9
Description  General purpose transistor (isolated transistor and diode)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FML9 Datasheet(HTML) 2 Page - Rohm

  FML9 Datasheet HTML 1Page - Rohm FML9 Datasheet HTML 2Page - Rohm FML9 Datasheet HTML 3Page - Rohm FML9 Datasheet HTML 4Page - Rohm FML9 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FML9
Transistors
Rev.A
2/4
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
Pc
Tj
Tstg
Limits
−15
−12
−6
−1.5
200
150
−40 to +125
−3
∗2
∗1
Unit
V
V
V
A
A
mW
°C
°C
∗1 Single pulse, Pw=1ms.
∗2 Each terminal mounted on a recommended land.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Di2
Parameter
Symbol
IF
IFSM
VR
Tj
Tstg
Limits
700
3
20
125
−40 to +125
Unit
mA
A
V
°C
°C
Average rectified forward current
Forward current surge peak (60HZ, 1
∞)
Reverse voltage (DC)
VRM
25
V
Reak reverse voltage
Junction temperature
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Tr1
Transition frequency
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
DC current gain
Collector output capacitance
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=−10V, IE=0mA, f=1MHz
fT
−
400
−
MHz
VCE
=−2V, IE=200mA, f=100MHz
BVCEO
−12
−−
V
IC
=−1mA
BVCBO
−15
−−
V
IC
=−10µA
BVEBO
−6
−−
V
IE
=−10µA
ICBO
−−
−100
nA
VCB
=−15V
IEBO
−−
−100
nA
VEB
=−6V
VCE(sat)
−−110
−200
mV
IC
=−500mA, IB=−25mA
hFE
270
−
680
−
VCE
=−2V, IC=−200mA
Cob
−
12
−
pF
Di2
Parameter
Min.
Typ.
Max.
Unit
Conditions
−
490
−
mV
IF=700mA
VR=20V
Symbol
VF
IR
−
−
200
µA
Forward voltage
Reverse current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com