Electronic Components Datasheet Search
  English  ▼

X  

MBPN Datasheet(PDF) 1 Page - RFE international

Part # MBPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBPN Datasheet(HTML) 1 Page - RFE international

  MBPN Datasheet HTML 1Page - RFE international MBPN Datasheet HTML 2Page - RFE international MBPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
METALIZED POLYPROPYLENE FILM CAPACITORS
MBPN Series: Power Factor Correction, Box Type
• Self-healing property
• Excellent dv/dt
• RoHS Compliance
• Ultra-miniature Size
• Ideal for Power Factor correction
applications
• UL 94V-0 rated case
SPECIFICATIONS
FEATURES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
PERFORMANCE
RoHS
MBPN Series are constructed specifically for Power Factor
Correction (PFC) applications. Film was selected and
metalization applied specifically for PFC application
requirements.
INTRODUCTION
PART NUMBER EXAMPLE
MBPN 104 K 2W 100 B 200 S
Page 1 of 3
Lead space*
* Leadspace is straight lead non-formed original leadspace.
W Max
T Max
P + 0.5mm
C3DC10
2021.11.24
Items
Operating Voltage Range
Rated Temperature
Capacitance Range
Capacitance Tolerance
P
300
200
350
220
400
300
VR
10mm 15mm
22.5mm
Performance
450Vdc, 520Vdc, 630Vdc
-55 °C ~ +110°C
(Vo ltage derates 1.25% per °C o ver 85°C)
0.022 µF ~ 8.2 µF
±5% (J), ±10% (K), ±20% (M)
100
150
27.5mm
80
100
Rated Voltage Pulse
Slope dV/dt (V/µs)
Dissipation Factor
Insulation Resistance
Terminal to Terminal
Withstand Voltage
? 15,000MΩ for C ? 0.33µF
? 50,000MΩ x µF for C > 0.33µF
Terminal to Terminal: (at 20°C ± 5°C)
1.6 x VR applied for 2sec. (cut off current 10mA)
0.1% (max.) at 1KHz
0.2% (max.) at 10KHz
Voltage Charge: 100Vdc x 1min (at 20°C ± 5°C)
630Vdc
180
120
450Vdc
520Vdc
Item
Test Methods
Requirements
Resistance to Soldering Heat
IEC 60068-2-20
Solder Bath: 260°C ± 5°C
Immersion Time: 10sec ± 1sec
Capacitance Change
C/C : 1%
DF Change
tan δ : 0.1% at 1KHz
IR :
limit value
Resistance to Vibration
IEC 60068-2-6
Frequency Range: 10Hz to 55Hz
Amplitude: 1.5mm
Duration: 6 hours
There shall be no Visible Damage,
No Intermittent Contact,
No Open or Short Circuit
Damp Heat, Steady State
IEC 60068-2-3
Temperature: 40°C ± 2°C
Relative Humidity: 90% to 95%
Duration: 1,000 hours
Capacitance Change
C/C : 3%
DF Change
tan δ : 0.1% at 1KHz
IR : 50% limit value
Electrical Endurance
IEC 60384-16
Temperature: 85°C + 2°C
Voltage Applied: 1.25 x Vr(DC)
Duration: 1,000 hours
Capacitance Change
C/C : 3%
DF Change
tan δ : 0.1% at 1KHz
IR : 50% limit value


Similar Part No. - MBPN

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
MBP-10 OMEGA-MBP-10 Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
logo
Yamaichi Electronics Co...
MBP-10-T1-LL-0 YAMAICHI-MBP-10-T1-LL-0 Datasheet
298Kb / 6P
MatchCon
MBP-12-T1-LL-0 YAMAICHI-MBP-12-T1-LL-0 Datasheet
298Kb / 6P
MatchCon
MBP-14-T1-LL-0 YAMAICHI-MBP-14-T1-LL-0 Datasheet
298Kb / 6P
MatchCon
logo
Omega Engineering, Inc.
MBP-15 OMEGA-MBP-15 Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
More results

Similar Description - MBPN

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2317A175 EPCOS-B25667B2317A175_08 Datasheet
292Kb / 8P
Film capacitors - Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175_08 Datasheet
344Kb / 8P
Film capacitors - Power Factor Correction
B25667B3247A175 EPCOS-B25667B3247A175_08 Datasheet
292Kb / 8P
Film capacitors - Power Factor Correction
B25667B5177A175 EPCOS-B25667B5177A175_08 Datasheet
291Kb / 8P
Film capacitors - Power Factor Correction
B25671A3247A375 EPCOS-B25671A3247A375 Datasheet
117Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4002A540 EPCOS-B25671A4002A540 Datasheet
140Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4012A000 EPCOS-B25671A4012A000 Datasheet
140Kb / 8P
Film Capacitors - Power Factor Correction
B25671A4032A040 EPCOS-B25671A4032A040 Datasheet
139Kb / 8P
Film Capacitors - Power Factor Correction
B25673A4282A140 EPCOS-B25673A4282A140_09 Datasheet
126Kb / 9P
Film Capacitors - Power Factor Correction
logo
RFE international
MPPN RFE-MPPN Datasheet
518Kb / 3P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPN Series: Power Factor Correction Applications
2015.10.30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com