Electronic Components Datasheet Search
  English  ▼

X  

MDD Datasheet(PDF) 1 Page - RFE international

Part # MDD
Description  Metalized Polyester Film Capacitors MDD: General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MDD Datasheet(HTML) 1 Page - RFE international

  MDD Datasheet HTML 1Page - RFE international MDD Datasheet HTML 2Page - RFE international MDD Datasheet HTML 3Page - RFE international MDD Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Metalized Polyester Film Capacitors
MDD: General Purpose
FEATURES
INTRODUCTION
SPECIFICATIONS
PART NUMBER EXAMPLE
TOLERANCE
LEAD STYLE EXAMPLES
,
, 1000Vdc
CAPACITANCE CODE
PACKAGING
RATED VOLTAGE
RADIAL LEAD SPACING
LEAD LENGTH FROM SEATING PLANE
TAPE CODE (Lead spacing on tape, if taped)
LEAD STYLE
07-JUL-2023
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
12


Similar Part No. - MDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDD ETC2-MDD Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
logo
Analog Devices
MDD-0820 AD-MDD-0820 Datasheet
1Mb / 4P
ULTRA HIGH SPEED DEGLITCHED D/A CONVERTER
MDD-0820 AD-MDD-0820_15 Datasheet
1Mb / 4P
ULTRA HIGH SPEED DEGLITCHED D/A CONVERTER
MDD-1020 AD-MDD-1020_15 Datasheet
1Mb / 4P
ULTRA HIGH SPEED DEGLITCHED D/A CONVERTER
logo
ETA-USA
MDD-SX-W ETA-USA-MDD-SX-W Datasheet
3Mb / 4P
100W High Reliability
More results

Similar Description - MDD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
logo
RFE international
MD104M2E100B250S RFE-MD104M2E100B250S Datasheet
90Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MD Series: Radial Dipped
ME103K2E RFE-ME103K2E Datasheet
66Kb / 1P
METALIZED POLYESTER FILM CAPACITORS ME Series: Encapsulated
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
MES104K2A050B250S RFE-MES104K2A050B250S Datasheet
107Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MES Series: Miniature, Radial
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
General Purpose Metallized Polyester Film Capacitors
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
RFE international
MDF RFE-MDF Datasheet
1Mb / 2P
Metalized Polyester Film Capacitors MDF: General Purpose, Lead Space 7.5mm~42.5mm
13-OCT-2023
MEB RFE-MEB Datasheet
1Mb / 7P
Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com