Electronic Components Datasheet Search
  English  ▼

X  

MEB Datasheet(PDF) 5 Page - RFE international

Part # MEB
Description  Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEB Datasheet(HTML) 5 Page - RFE international

  MEB Datasheet HTML 1Page - RFE international MEB Datasheet HTML 2Page - RFE international MEB Datasheet HTML 3Page - RFE international MEB Datasheet HTML 4Page - RFE international MEB Datasheet HTML 5Page - RFE international MEB Datasheet HTML 6Page - RFE international MEB Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Metalized Polyester Film Capacitors
MEB: General Purpose, Box Type
Temperature:
Voltage charge me:
Voltage charge:
9000M
for C 0.33 F
3000M x F
for C 0.33 F
Performance:
Performance:
Capacitance change C/C:
DF change tan :
Insula on resistance:
± 10%
0.5% at 1KHz
50% at limit value
Bending: (Test Ub)
Performance:
While a load of 500g applied to the lead wire, the body of the capacitor shall bent 90 and returned to
the original posi on. This opera on shall be conducted in a few seconds. Then the body shall be bent
90 in the opposite direc on and returned to the original posi on.
There shall be no such mechanical damage as terminal damage, etc.
MECHANICAL CHARACTERISTICS
Terminal strength (Tes ng method IEC 68-2-21)
Tensile: (Test UaI)
A load of 10N (1.0kg) shall be gradually applied to the terminal in the axial direc on and held thus for
10 seconds.
Rapid change of temperature. (Tes ng method IEC 68-2-21)
ELECTRICAL CHARACTERISTICS (continued)
The test capacitor shall be kept in the tes ng oven and be kept at condi ons of the following table, and it shall be repeated for 5 cycles
successfully. A er the test, the capacitor shall be le alone at the ordinary condi ons for 2 hours.
Test condi ons:
20 C ±5 C
1 minute
100 Vdc
Test voltage between terminals:
Dielectric strength:
Between terminal and enclosure
Method of the test as described below:
Put the 1mm diameter of small metallic balls in a vessel.
Performance:
The test capacitor shall be submerged with the small metallic balls. Distance of the metallic balls and the terminals shall be kept about
The test voltage shall be applied between the short-circuited terminals and the metallic balls
There should be no dielectric breakdown or other damage
Performance:
1.6 x Vg applied for 2 sec, at 20 C ±5 C (cut o current 10mA)
There shall be no dielectric breakdown or other damage.
Apply 200% of rated voltage between terminals and enclosure for 2 to 5 seconds.
Insula on resitance between terminals
2-OCT-2023
Page 5 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com