Electronic Components Datasheet Search
  English  ▼

X  

PMT Datasheet(PDF) 1 Page - RFE international

Part # PMT
Description  METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

PMT Datasheet(HTML) 1 Page - RFE international

  PMT Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1DD05
REV 2010.10.13
METALIZED POLYPROPYLENE FILM CAPACITORS
PMT & PMF Series: Axial Leaded, Flat & Tubular
PMT & PMF Series are constructed with metalized
polypropylene film, copperply lead, outer wrapping
with polyester film tape and ends sealed by epoxy
resin. They are ideal for use in communication
equipment, timing circuit, integrating and filter
networks.
INTRODUCTION
FEATURES
•Low dissipation factor
•Excellent for high frequency application
•Miniature size and light weight
•High reliability and long term stability
•Flame retardant epoxy resin coating
SPECIFICATIONS
DIMENSIONS
Type
Performance
Operating Temperature Range
-55°C ~ +105°C
Capacitance Range
0.01
~ 4.7
Capacitance Tolerance
±5% (J), ±10% (K), ±20% (M)
Rated Voltage
250VDC, 400VDC, 630VDC
Dissipation Factor
0.1% max at 1KHz, 25°C
Insulation Resistance
C<0.33
F, >30 000M
C 0.33 F, >10 000M
•
F
PART NUMBER EXAMPLE
PMT 103 J 2G
LEAD DIAMETER
Body Length Lead Diameter
L
fd
< 16.0 mm
0.6 mm
> 16.0 mm
0.8 mm
PMT
PMF
30 mm min
30 mm min
30 mm min
30 mm min
L±2 mm
W±2 mm
d±0.05 mm
d±0.05 mm
OD max
T max
H max
Series
W.V.
mF
Code
OD
L
OD
L
OD
L
W
H
T
W
H
T
W
H
T
0.010
103
5.0
15.0
5.5
15.0
6.5
15.0
0.015
153
5.0
15.0
6.0
15.0
7.0
15.0
0.022
223
6.0
15.0
7.0
15.0
8.0
15.0
0.033
333
6.0
15.0
7.5
15.0
8.0
21.0
0.047
473
6.5
15.0
8.0
21.0
9.0
21.0
0.068
683
7.5
15.0
8.0
21.0
10.5
21.0
0.100
104
8.0
15.0
8.5
21.0
11.0
27.0
15.0
10.0
6.0
21.0
12.0
7.0
27.0
13.0
8.0
0.150
154
8.0
21.0
10.0
21.0
12.0
27.0
21.0
11.0
6.0
21.0
13.0
7.0
27.0
15.0
9.0
0.220
224
9.0
21.0
9.5
27.0
14.0
33.0
21.0
11.0
7.0
27.0
14.0
8.0
33.0
19.0
10.0
0.330
334
10.5
21.0
12.0
27.0
16.0
33.0
21.0
13.0
8.0
27.0
16.0
10.0
33.0
20.0
12.0
0.470
474
10.5
27.0
13.0
33.0
18.0
33.0
27.0
14.0
8.0
33.0
20.0
12.0
33.0
22.0
14.0
0.680
684
12.5
27.0
15.0
33.0
20.0
37.0
27.0
16.0
10.0
33.0
22.0
13.0
37.0
24.0
15.0
1.000
105
14.0
33.0
18.0
34.0
22.0
37.0
33.0
18.0
11.0
33.0
21.0
13.5
37.0
25.0
16.0
1.500
155
16.0
33.0
20.0
37.0
33.0
20.0
12.5
37.0
24.0
16.0
42.0
29.0
20.0
2.200
225
18.0
33.0
22.0
37.0
33.0
22.0
14.0
42.0
25.0
16.0
47.0
34.0
24.0
3.300
335
20.0
37.0
24.0
42.0
37.0
24.0
15.0
47.0
34.0
23.0
4.700
475
22.0
37.0
26.0
47.0
37.0
27.0
17.0
PMT
PMF
200VDC
630VDC
250VDC
400VDC
630VDC
400VDC
*Voltage derates above 85°C, 100% at 85°C, 75% at 105°C
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS


Similar Part No. - PMT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT DELTA-PMT Datasheet
976Kb / 14P
PMT Panel Mount Power Supply
logo
Mini-Circuits
PMT-1 MINI-PMT-1 Datasheet
199Kb / 1P
Power Splitter/Combiner
PMT-1+ MINI-PMT-1+ Datasheet
199Kb / 1P
Power Splitter/Combiner
logo
Delta Electronics, Inc.
PMT-1235W2BAB DELTA-PMT-1235W2BAB Datasheet
874Kb / 11P
PMT2 Panel Mount Power Supply
April 2020, Rev. 01
PMT-1235W2BAC DELTA-PMT-1235W2BAC Datasheet
874Kb / 11P
PMT2 Panel Mount Power Supply
April 2020, Rev. 01
More results

Similar Description - PMT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
Axial Leaded Metallized Polypropylene Film
logo
RFE international
MT474M2G RFE-MT474M2G Datasheet
98Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MF & MT Series: Axial Leaded, Flat & Tubular
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PNT104K2G RFE-PNT104K2G Datasheet
82Kb / 1P
POLYPROPYLENE FILM CAPACITORS PNT Series: Axial Leaded Tubular
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG_13 Datasheet
441Kb / 4P
Axial Leaded Polypropylene Film
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com