Electronic Components Datasheet Search
  English  ▼

X  

RGA Datasheet(PDF) 5 Page - RFE international

Part # RGA
Description  Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RGA Datasheet(HTML) 5 Page - RFE international

  RGA Datasheet HTML 1Page - RFE international RGA Datasheet HTML 2Page - RFE international RGA Datasheet HTML 3Page - RFE international RGA Datasheet HTML 4Page - RFE international RGA Datasheet HTML 5Page - RFE international RGA Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aluminum Electrolytic Capacitors
RGA Series: Radial High Temperature, 105°C
Page 5 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Fig. 1
Fig. 2
Fig. 3
Fig. 4
D
P
P2
F
P1
P0
Base Tape
Adhesive Tape
H
d
D
P
P2
F
P1
P0
Base Tape
Adhesive Tape
H
d
D
P
P2
F
P1
P0
Base Tape
Adhesive Tape
H
d
D
P
P2
F
P1
P0
Base Tape
Adhesive Tape
H
d
LEADED TAPING & PACKAGING SPECIFICATIONS
06-OCT-2023
LEADED TAPING & PACKAGING SPECIFICATIONS
Ammo pack box. (SA, TA) Reel pack box. (SR, TR)
Tape Quantity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com