Electronic Components Datasheet Search
  English  ▼

X  

RJA Datasheet(PDF) 2 Page - RFE international

Part # RJA
Description  Aluminum Electrolytic Capacitors RJA Series: Wide Temp. An ti-Solvent, 105°C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RJA Datasheet(HTML) 2 Page - RFE international

  RJA Datasheet HTML 1Page - RFE international RJA Datasheet HTML 2Page - RFE international RJA Datasheet HTML 3Page - RFE international RJA Datasheet HTML 4Page - RFE international RJA Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VDC
Code
mA
mA
mA
mA
mA
mA
mA
0.1
0R1
5 x 11
1.3
5 x 11
2.1
0.22
R22
5 x 11
2.9
5 x 11
3.2
0.33
R33
5 x 11
4.3
5 x 11
5.4
0.47
R47
5 x 11
7.1
5 x 11
7.1
1
010
5 x 11
13
5 x 11
15
2.2
2R2
5 x 11
20
5 x 11
26
3.3
3R3
5 x 11
30
5 x 11
31
4.7
4R7
5 x 11
33
5 x 11
36
10
100
5 x 11
36
5 x 11
40
5 x 11
45
5 x 11
50
5 x 11
54
22
220
5 x 11
58
5 x 11
68
5 x 11
71
5 x 11
78
6.3 x 11
96
5 x 11
76
5 x 11
78
6.3 x 11
90
6.3 x 11
96
8 x 11.5 141
5 x 11
85
5 x 11
90
6.3 x 11
100
5 x 11
76
5 x 11
90
5 x 11
97
6.3 x 11
105
8 x 11.5
130
8 x 11.5 151
5 x 11
90
6.3 x 11
117
6.3 x 11
129
5 x 11
103
5 x 11
111
6.3 x 11
133
6.3 x 11
142
8 x 11.5
170
8 x 11.5
188
10 x 12.5 235
5 x 11
110
6.3 x 11
150
6.3 x 11
160
6.3 x 11
175
8 x 11.5
215
8 x 11.5
236
10 x 12.5
300
10 x 20
355
10 x 20
400
5 x 11
140
5 x 11
150
6.3 x 11
180
8 x 11.5
270
10 x 16
335
10 x 16
360
8 x 11.5 219
8 x 11.5 245
8 x 11.5
260
10 x 12.5
335
10 x 16
400
10 x 20
460
13 x 20
520
6.3 x 11
190
6.3 x 11
200
8 x 11.5
330
10 x 12.5
350
10 x 16
410
10 x 20
490
8 x 11.5 261
8 x 11.5 290
10 x 12.5
370
10 x 16
440
10 x 20
520
13 x 20
610
13 x 25
720
6.3 x 11
230
6.3 x 11
250
8 x 11.5
310
10 x 12.5
380
10 x 16
460
10 x 20
530
13 x 20
665
10 x 12.5 455
10 x 16
550
10 x 20
640
13 x 20
770
13 x 25
920
16 x 25
1080
16 x 31.5 1260
8 x 11.5 380
10 x 12.5 460
10 x 16
560
10 x 20
680
13 x 20
830
13 x 25
980
16 x 25
1190
10 x 20
750
13 x 20
860
13 x 25
1000
16 x 25
1170
16 x 31.5
1340
18 x 35.5 1530
10 x 20
760
13 x 20
920
13 x 25
1090
16 x 25
1260
16 x 35.5 1470
13 x 20
920
13 x 20
1100
16 x 25
1300
16 x 31.5
1460
18 x 35.5
1650
22 x 40
1707
10 x 20
840
13 x 25
1170
16 x 25
1400
16 x 35.5
1610
18 x 35.5 1650
16 x 25
1330
16 x 25
1400
16 x 31.5 1600
18 x 35.5
1780
18 x 40
1900
16 x 20
1090
13 x 25
1260
16 x 25
1480
16 x 31.5
1710
18 x 35.5
1875
DxL
DxL
DxL
DxL
3300
332
4700
472
1000
102
2200
222
330
331
470
471
100
101
220
221
33
330
47
470
63V(1J)
16V(1C)
25V(1E)
35V(1V)
50V(1H)
6.3v(0J)
10V(1A)
DxL
DxL
Dimension: D×L(mm)
Ripple Current: mA/RMS at 120Hz 105°C
Aluminum Electrolytic Capacitors
RJA Series: Wide Temp. Anti-Solvent, 105
°C
Page 2 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
D
5
6.3
8
10
13
16
18
22
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
10
d
1.0
2.0
0.5
1.0
0.5
0.6
0.8
1.5
DIMENSIONS AND PERMISSIBLE RIPPLE CURRENT
LEAD SPACING AND DIAMETER SPECIFICATIONS
DxL
06-OCT-2023



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com