Electronic Components Datasheet Search
  English  ▼

X  

RLA Datasheet(PDF) 1 Page - RFE international

Part # RLA
Description  Aluminum Electrolytic Capacitors RLA Series: Radial, Low Le akage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RLA Datasheet(HTML) 1 Page - RFE international

  RLA Datasheet HTML 1Page - RFE international RLA Datasheet HTML 2Page - RFE international RLA Datasheet HTML 3Page - RFE international RLA Datasheet HTML 4Page - RFE international RLA Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VDC
F
Code
mA
mA
mA
mA
mA
mA
mA
mA
0.1
0R1
5 x 11
1.3
5 x 11
2.6
0.22
R22
5 x 11
2.9
5 x 11
5.8
0.33
R33
5 x 11
4.4
5 x 11
8.8
0.47
R47
5 x 11
7
5 x 11
12
1
010
5 x 11
13
5 x 11
22
2.2
2R2
5 x 11
29
5 x 11
33
3.3
3R3
5 x 11
35
5 x 11
40
4.7
4R7
5 x 11
31
5 x 11
40
5 x 11
42
5 x 11
45
5 x 11
48
10
100
5 x 11
44
5 x 11
54
5 x 11
58
5 x 11
65
5 x 11
70 6.3 x 11
80
22
220
5 x 11
59
5 x 11
75
5 x 11
80
5 x 11
87
5 x 11
95 6.3 x 11
115
8 x 11.5 135
33
330
5 x 11
55
5 x 11
84
5 x 11
90
5 x 11
97
5 x 11
105 6.3 x 11
125 6.3 x 11
140 10 x 12.5 195
47
470
5 x 11
79
5 x 11
100
5 x 11
110
5 x 11
115 6.3 x 11
145 6.3 x 11
150
8 x 11.5 190 10 x 16
255
100
101
5 x 11
130
5 x 11
145 6.3 x 11
180 6.3 x 11
190
8 x 11.5 240
8 x 11.5 255 10 x 12.5 320 13 x 20
450
220
221
6.3 x 11
230 6.3 x 11
250
8 x 11.5 300
8 x 11.5 320 10 x 12.5 420 10 x 16
490 10 x 20
565 16 x 25
810
330
331
6.3 x 11
280
8 x 11.5 350
8 x 11.5 370 10 x 12.5 470 10 x 16
570 10 x 20
650 13 x 20
765 16 x 25
990
470
471
8 x 11.5 380
8 x 11.5 415 10 x 12.5 520 10 x 16
620 10 x 20
740 13 x 20
860 13 x 25
990 16 x 31.5 1250
1000
102
10 x 12.5 650 10 x 16
790 10 x 20
910 13 x 20
1090 13 x 25
1300 16 x 25
1530 16 x 31.5 1700
2200
222
13 x 20
1150 13 x 20
1240 13 x 25
1420 16 x 25
1660 16 x 31.5 1890 18 x 35.5 2160
3300
332
13 x 20
1380 13 x 25
1590 16 x 25
1840 16 x 31.5 2070 18 x 35.5 2340
4700
472
16 x 25
1880 16 x 25
1980 16 x 31.5 2260 18 x 35.5 2520 18 x 40
2690
DXL
DXL
6.3V(0J)
10V(1A)
DXL
DXL
16V(1C)
25V(1E)
DXL
DXL
35V(1V)
50V(1H)
DXL
DXL
63V(1J)
100V(2A)
Dimension: D×L(mm)
Ripple Current: mA/RMS at 120Hz 85°C
Item
Life
Operating Temperature
Capacitance Tolerance
Leakage Current (at 20°C)
Dissipaton Factor
Rated Voltage
6.3
10
16
25
35
50
63
100
Tan at 120 Hz, 20°C
Tan (max)
0.24
0.21
0.16
0.14
0.12
0.10
0.09
0.08
Low Temperature
6.3
10
16
25
35
50
63
100
Characteristics (at 120Hz)
Z(-25°C) /Z(+20°C)
5
4
2
2
2
2
2
2
Z(-40°C) /Z(+20°C)
10
8
6
4
4
3
3
3
Test Time
Load Life Test
Capacitance Change
Dissipation Factor
Leakage Current
Specification shall be satisfied when the capacitors are restored to
Specification shall be satisfied when the capacitors are
20°C after rated voltage applied for 2000 hrs. at 85°C.
restored to 20°C after exposing them for 1000 hrs at 85°C
without voltage applied.
Freq. (Hz)
Cap. ( F)
Ripple Current &
Under 100
0.70
1.00
1.35
1.55
2.00
Frequency Multilpiers
220 to 1000
0.83
1.00
1.23
1.32
1.50
2200 up above
0.90
1.00
1.12
1.10
1.15
Standards
Performance
Satisfies Characteristic W of JIS C 5141
1000 Hrs
Impedance ratio shall not exceed the values given in the table below
When the capacitance exceed 1000
F 0.02 shall be added every 1000
F.
I = 0.002CV or 0.4 ( A) whichever is greater (after 2 minutes)
Where, C = rated capacitance in
F. V=rated DC working voltage in V.
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Within specified value
Less than 200% of specified value
± 20%
Shelf Life Test
Less than 200% of specified value
Within specified value
± 20%
2000 Hrs
Rated Voltage
Impedance Ratio
-40°C ~ +85°C
± 20% (120Hz, 20°C)
At 85°C 2000 Hrs
RLA
10K up
60(50)
120
500
1K
Temperature Multipliers
Riple Current &
Multipliers
Temperature (°C)
Under 50
70
85
1.75
1.58
1.00
Aluminum Electrolytic Capacitors
RLA Series: Radial, Low Leakage
Page 1 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
•85°C
•Standard low leakage current series.
SPECIFICATIONS
DIMENSIONS AND PERMISSIBLE RIPPLE CURRENT
06-OCT-2023


Similar Part No. - RLA

ManufacturerPart #DatasheetDescription
logo
Surge Components
RLA SURGE-RLA Datasheet
1Mb / 2P
rohs compliance
logo
Rectron Semiconductor
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
SIDACTOR
RLA065A RECTRON-RLA065A Datasheet
266Kb / 4P
SIDACTOR
RLA075A RECTRON-RLA075A Datasheet
266Kb / 4P
SIDACTOR
logo
Vishay Siliconix
RLA100 VISHAY-RLA100 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
More results

Similar Description - RLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
Aluminum electrolytic capacitors Radial, Very Low Impedance
logo
RFE international
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
Vishay Siliconix
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Sep-16
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Mar-2021
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
logo
Kemet Corporation
ESH107M6R3AC3AA KEMET-ESH107M6R3AC3AA_V01 Datasheet
842Kb / 24P
Radial Aluminum Electrolytic Capacitors
8/29/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com