Electronic Components Datasheet Search
  English  ▼

X  

RUK Datasheet(PDF) 2 Page - RFE international

Part # RUK
Description  Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RUK Datasheet(HTML) 2 Page - RFE international

  RUK Datasheet HTML 1Page - RFE international RUK Datasheet HTML 2Page - RFE international RUK Datasheet HTML 3Page - RFE international RUK Datasheet HTML 4Page - RFE international RUK Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8 mm
8 mm
8 mm
8 mm
Aluminum Electrolytic Capacitors
RUK Series: Radial, Long Life, 125
°C
Page 2 of 5
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
D
8
10
12.5
16
P
3.5
5.0
5.0
7.5
d
0.8
1.0
0.5
1.5
0.6
LEAD SPACING AND DIAMETER SPECIFICATIONS
07-OCT-2023



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com