Electronic Components Datasheet Search
  English  ▼

X  

RZW Datasheet(PDF) 3 Page - RFE international

Part # RZW
Description  ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RZW Datasheet(HTML) 3 Page - RFE international

  RZW Datasheet HTML 1Page - RFE international RZW Datasheet HTML 2Page - RFE international RZW Datasheet HTML 3Page - RFE international RZW Datasheet HTML 4Page - RFE international RZW Datasheet HTML 5Page - RFE international RZW Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS
RZW Series: Low Impedance
105
°C
V. DC
μ
F
35V (1V)
50V (1H)
63V (1J)
Ripple Current
(mA / rms,
105°C)
Ripple Current
(mA / rms,
105°C)
Ripple Current
(mA / rms,
105°C)
20°C
-10°C
100K Hz
20°C
-10°C
100K Hz
20°C
-10°C
100K Hz
2.2
2R2
5 x 11
3.3
6.6
43
3.3
3R3
5 x 11
2.9
5.8
53
4.7
4R7
5 x 11
2.5
5.0
95
10
100
5 x 11
2
4.0
130
15
150
5 x 11
1.2
2.4
165
22
220
5 x 11
0.91
1.82
180
33
330
5 x 11
0.58
1.16
210
6.3 x 11
0.49
0.98
265
56
560
6.3 x 11
0.22
0.44
340
6.3 x 11
0.39
0.78
295
8 x 12
0.31
0.62
500
8 x 15
0.22
0.44
665
10 x 12.5
0.150
0.3
690
100
101
8 x 11.5
0.220
0.440
555
8 x 20.0
0.170
0.340
820
10 x 16.0
0.110
0.220
950
150
151
8 x 11.5
0.110
0.220
640
10 x 12.5
0.160
0.320
760
10 x 20.0
0.078
0.156
1,150
12.5 x 16.0
0.101
0.202
1,150
8 x 15
0.083
0.166
840
10 x 12.5
0.080
0.160
865
10.0 x 20
0.078
0.156
1,220
12.5 x 60
0.079
0.158
1,260
330
331
10 x 16
0.060
0.120
1,210
10 x 25
0.072
0.144
1,440
390
391
12.5 x 20
0.057
0.114
1,500
10 x 20
0.046
0.092
1,400
10 x 30
0.056
0.112
1,690
12.5 x 25
0.044
0.088
1,900
12.5 x 16
0.049
0.098
1,450
12.5 x 20
0.059
0.118
1,660
12.5 x 30
0.039
0.078
2,300
16 x 16
0.072
0.114
1,690
16 x 20
0.045
0.090
2,000
12.5 x 25
0.044
0.088
1,950
18 x 16
0.070
0.140
1,930
10 x 25
0.030
0.060
2,200
10 x 30
0.031
0.062
2,200
12.5 x 40
0.029
0.058
2,800
12.5 x 20
0.035
0.070
1,900
12.5 x 30
0.039
0.078
2,310
16 x 25
0.035
0.070
2,600
16 x 16
0.042
0.084
1,940
18 x 20
0.042
0.084
2,500
12.5 x 30
0.022
0.066
2,700
12.5 x 35
0.033
0.066
2,510
16 x 31.5
0.029
0.058
2,850
16 x 20
0.044
0.088
2,210
18 x 25
0.034
0.068
2,800
12.5 x 25
0.027
0.054
2,230
12.5 x 40
0.027
0.054
2,920
18 x 16
0.043
0.086
2,210
16 x 25
0.033
0.066
2,555
18 x 20
0.047
0.094
2,490
12.5 x 30
0.024
0.048
2,650
16 x 31.5
0.027
0.054
3,010
16 x 40
0.025
0.050
3,400
18 x 25
0.022
0.086
2,800
16 x 20
0.027
0.054
2,530
18 x 25
0.028
0.056
2,740
18 x 31.5
0.028
0.056
3,300
1,500
152
12.5 x 25
0.024
0.040
2,530
16 x 35.5
0.024
0.048
3,150
18 x 35.5
0.025
0.050
3,400
12.5 x 35
0.017
0.034
3,350
16 x 40
0.021
0.042
3,710
16 x 25
0.021
0.042
2,930
18 x 31.5
0.024
0.048
3,635
18 x 20
0.026
0.052
2,860
16 x 31.5
0.017
0.034
3,450
18 x 25
0.019
0.038
3,140
16 x 35.5
0.015
0.030
3,610
18 x 31.5
0.015
0.030
4,170
16 x 35.5
0.013
0.026
4,080
18 x 35.5
0.014
0.028
4,220
16 x 35.5
0.010
0.030
4,200
18 x 40
0.012
0.024
4,280
820
821
10 x 25
0.030
0.060
2,200
680
681
0.114
1,500
10 x 25
0.042
0.084
1,650
12.5 x 35
0.034
0.068
2,500
0.128
2,700
272
3,300
332
18 x 40
0.018
1,350
12.5 x
18 x 35.5
0.022
0.044
3,680
0.036
3,800
120
121
2,200
222
18 x 40
0.024
0.048
3,500
1,800
182
1,200
122
0.054
2,900
1,000
102
16 x 35.5
25
0.064
20
0.057
16
0.110
0.220
1,050
10
x 20
0.118
180
181
8
0.128
1,050
270
271
8 x 20
0.064
220
221
10 x
82
D x L
Impedance
(Ω, Max / 100kHz)
μ
F
D x L
Impedance
(Ω, Max / 100kHz)
D x L
Impedance
(Ω, Max / 100kHz)
820
0.236
910
8
15
3,900
392
x
0.150
0.300
730
0.027
560
561
470
471
x
16-NOV-2023



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com