Electronic Components Datasheet Search
  English  ▼

X  

EMC6D102 Datasheet(PDF) 70 Page - SMSC Corporation

Part # EMC6D102
Description  Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D102 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button EMC6D102 Datasheet HTML 66Page - SMSC Corporation EMC6D102 Datasheet HTML 67Page - SMSC Corporation EMC6D102 Datasheet HTML 68Page - SMSC Corporation EMC6D102 Datasheet HTML 69Page - SMSC Corporation EMC6D102 Datasheet HTML 70Page - SMSC Corporation EMC6D102 Datasheet HTML 71Page - SMSC Corporation EMC6D102 Datasheet HTML 72Page - SMSC Corporation EMC6D102 Datasheet HTML 73Page - SMSC Corporation EMC6D102 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
Datasheet
Revision 0.4 (06-15-06)
70
SMSC EMC6D102
DATASHEET
Bit[3] TRDY: Temperature Reading Ready. This bit indicates that the temperature reading registers
have valid values. This bit is used after writing the start bit to ‘1’. 0= not valid, 1=valid.
Bit[4] SUREN: Spin-up reduction enable. This bit enables the reduction of the spin-up time based on
feedback from all fan tachometers associated with each PWM. 0=disable, 1=enable (default)
Bit[5] SMSC Reserved
This is an SMSC Reserved bit. Writing this bit to a value different than the default value may cause
unwanted results.
Bit[6] SMSC Reserved
This is an SMSC Reserved bit. Writing this bit to a value different than the default value may cause
unwanted results.
Bit[7] Initialization
Setting the INIT bit to ‘1’ performs a soft reset. This bit is self-clearing. Soft Reset sets all the registers
except the Reading Registers to their default values.
7.2.30
Register 80h: Interrupt Enable 2 Register
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
This register is used to enable individual fan tach error events to set the corresponding status bits in
the interrupt status registers. This register also contains the group fan tach enable bit (Bit[0] TACH),
which is used to enable fan tach events to force the interrupt pin (INT#) low if interrupts are enabled
(see Bit[2] INTEN of the Special Function register at offset 7Ch).
This register contains the following bits:
Bit[0] TACH (Group TACH Enable)
0=Out-of-limit tachometer readings do not affect the state of the INT# pin (default)
1=Enable out-of-limit tachometer readings to make the INT# pin active low
Bit[1] Fan Tach 1 Event Enable
Bit[2] Fan Tach 2 Event Enable
Bit[3] Fan Tach 3 Event Enable
Bit[4] Fan Tach 4 Event Enable
Bit[5] Reserved
Bit[6] Reserved
Bit[7] Reserved
The individual fan tach error event bits are defined as follows:
0=disable
1=enable.
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
80h
R/W
Interrupt Enable 2 (Fan
Tachs)
RES
RES
RES
TACH4
TACH3
TACH2
TACH1
TACH
1Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com