Electronic Components Datasheet Search
  English  ▼

X  

REF54410QDR Datasheet(PDF) 13 Page - Texas Instruments

Part # REF54410QDR
Description  REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF54410QDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF54410QDR Datasheet HTML 9Page - Texas Instruments REF54410QDR Datasheet HTML 10Page - Texas Instruments REF54410QDR Datasheet HTML 11Page - Texas Instruments REF54410QDR Datasheet HTML 12Page - Texas Instruments REF54410QDR Datasheet HTML 13Page - Texas Instruments REF54410QDR Datasheet HTML 14Page - Texas Instruments REF54410QDR Datasheet HTML 15Page - Texas Instruments REF54410QDR Datasheet HTML 16Page - Texas Instruments REF54410QDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.5 V, IL = 0 mA, CL = 10 μF, CIN = 0.1 μF, VREF = 2.5 V (unless otherwise noted)
Frequency (Hz)
101
102
103
104
105
0
20
40
60
80
100
1uF
10uF
100uF
Figure 6-7. Noise Performance 10 Hz to 100 kHz
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
0
25
50
75
100
125
100uF
10uF
1uF
Figure 6-8. Power-Supply Rejection Ratio vs Frequency
Thermal Hysteresis (ppm)
0
20
40
60
80
100
-30
-25
-20
-15
-10
-5
0
5
10
Figure 6-9. REF5425 Thermal Hysteresis Distribution (0°C to
70°C)
Figure 6-10. Long-Term Stability (First 1000 Hours)
www.ti.com
REF54
SNVSCN7 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com