Electronic Components Datasheet Search
  English  ▼

X  

SBL830 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBL830
Description  8.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL830 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL830 Datasheet HTML 1Page - Diodes Incorporated SBL830 Datasheet HTML 2Page - Diodes Incorporated SBL830 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23044 Rev. 4 - 2
1 of 3
SBL830-SBL860
www.diodes.com
ã Diodes Incorporated
SBL830 - SBL860
8.0A SCHOTTKY BARRIER RECTIFIER
Features
·
Case: TO-220AC
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Polarity: See Diagram
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Marking: Type Number
·
Weight: 2.3 grams (approx.)
Mechanical Data
·
Schottky Barrier Chip
·
Guard Ring for Transient Protection
·
Low Power Loss, High Efficiency
·
High Current Capability, Low VF
·
High Surge Capability
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 3)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
Characteristic
Symbol
SBL
830
SBL
835
SBL
840
SBL
845
SBL
850
SBL
860
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 95
°C
IO
8A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
200
A
Forward Voltage
@ IF = 8A, TC = 25
°C
VFM
0.55
0.70
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 100
°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 2)
Cj
700
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
6.9
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
TO-220AC
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
R
4.83
5.33
All Dimensions in mm
SPICE MODELS: SBL830 SBL835 SBL840 SBL845 SBL850 SBL860


Similar Part No. - SBL830

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL830 MCC-SBL830 Datasheet
381Kb / 3P
8 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
SBL830 BILIN-SBL830 Datasheet
179Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL830 SIRECTIFIER-SBL830 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SBL830 DSK-SBL830 Datasheet
245Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBL830 ISC-SBL830 Datasheet
274Kb / 2P
Schottky Rectifier
More results

Similar Description - SBL830

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
39Kb / 3P
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com