Electronic Components Datasheet Search
  English  ▼

X  

SD945-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD945-B
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD945-B Datasheet(HTML) 3 Page - Diodes Incorporated

  SD945-B Datasheet HTML 1Page - Diodes Incorporated SD945-B Datasheet HTML 2Page - Diodes Incorporated SD945-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS23026 Rev. 4 - 2
3 of 3
SD930/SD940/SD945
www.diodes.com
0.01
0.1
1.0
10
0.0001
0.001
0.01
0.1
1.0
10
100
t
1
t
2
P
(DM)
Single Pulse
0.08
0.17
0.25
0.33
D=0.50
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 6, Typical I vs. % of V
RR
T = 125ºC
j
T = 85ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
Ordering Information
Device
Packaging
Shipping
SD930-B
DO-201AD
500/Bulk
SD930-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD940-B
DO-201AD
500/Bulk
SD940-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD945-B
DO-201AD
500/Bulk
SD945-T
DO-201AD
1.2K/Tape & Reel, 13-inch
(Note 6)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com