Electronic Components Datasheet Search
  English  ▼

X  

SB520 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SB520
Description  5.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB520 Datasheet(HTML) 1 Page - Diodes Incorporated

  SB520 Datasheet HTML 1Page - Diodes Incorporated SB520 Datasheet HTML 2Page - Diodes Incorporated SB520 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23024 Rev. 8 - 2
1 of 3
SB520 - SB560
www.diodes.com
ã Diodes Incorporated
SB520 - SB560
5.0A SCHOTTKY BARRIER RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Epitaxial Construction
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 150A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Bright Tin. Plated Leads Solderable
per MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Mounting Position: Any
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 1.1 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB520
SB530
SB540
SB550
SB560
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current (See Figure 1) (Note 1)
IO
5.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage (Note 2)
@ IF = 5.0A
VFM
0.55
0.67
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage (Note 2)
@ TA = 100
°C
IRM
0.5
mA
50
25
Typical Thermal Resistance Junction to Ambient (Note 1)
(Note 3)
RqJA
25
°C/W
RqJL
8
Operating Temperature Range
Tj
-65 to +125
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
Notes:
1. Measured at ambient temperature at a distance of 9.5mm from case.
2. Short duration test pulse used to minimize self-heating effect.
3. Thermal resistance junction to lead vertical P.C.B. mounted, 0.375" (9.5mm) lead length.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB520 ZOWIE-SB520 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
SB570 DIODES-SB570_1 Datasheet
55Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com