Electronic Components Datasheet Search
  English  ▼

X  

ISG2026 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISG2026
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2026 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISG2026 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2026 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2026 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2026
eq IKB03N120H2
IGBT
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case IGBT
2.0
℃
/W
Rth j-c
Thermal Resistance,Junction to Case diode
3.2
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0; IC= 0.3mA
1200
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE; IC=0.09mA
2.1
3
3.9
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; VCE= 15V,
Tj=25℃
--
2.2
2.8
V
IC= 3A; VCE= 15V,
Tj=150℃
--
2.5
--
V
IC=3A; VCE= 10V,
Tj=25℃
--
2.4
--
V
ICES
Zero Gate Voltage Collector Current
VCE=1200V; VGE=0;
Tj=25℃
--
--
20
uA
VCE=1200V; VGE=0;
Tj=150℃
--
--
80
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V; VCE=0
--
--
±
100
nA
REVERSE DIODE (FRED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF=2A;TJ=25℃
--
--
2.5
V
IF=30A;TJ=150℃
--
1.75
--
V
trr
Reverse Recovery Time
IF=3A;
-di/dt=1000A/us;
VR=800V;
VGE = 15V
--
53
--
ns
Qrr
Reverse recovery charge
--
384
--
nC
Irrm
Reverse recovery current
--
12.5
--
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com