Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 34 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 30Page - SMSC Corporation FDC37C669 Datasheet HTML 31Page - SMSC Corporation FDC37C669 Datasheet HTML 32Page - SMSC Corporation FDC37C669 Datasheet HTML 33Page - SMSC Corporation FDC37C669 Datasheet HTML 34Page - SMSC Corporation FDC37C669 Datasheet HTML 35Page - SMSC Corporation FDC37C669 Datasheet HTML 36Page - SMSC Corporation FDC37C669 Datasheet HTML 37Page - SMSC Corporation FDC37C669 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
34
STATUS REGISTER ENCODING
During the Result Phase of certain commands, the Data Register contains data bytes that give the
status of the command just executed.
Table 14 - Status Register 0
BIT NO.
SYMBOL
NAME
DESCRIPTION
7,6
IC
Interrupt
Code
00 - Normal termination of command. The specified
command was properly executed and completed
without error.
01 - Abnormal termination of command.
Command
execution was started, but was not successfully
completed.
10 - Invalid command.
The requested command
could not be executed.
11 - Abnormal termination caused by Polling.
5
SE
Seek End
The FDC completed a Seek, Relative Seek or
Recalibrate command (used during a Sense Interrupt
Command).
4
EC
Equipment
Check
The TRK0 pin failed to become a "1" after:
1.
80 step pulses in the Recalibrate command.
2.
The Relative Seek command caused the FDC to
step outward beyond Track 0.
3
Unused. This bit is always "0".
2
H
Head
Address
The current head address.
1,0
DS1,0
Drive Select
The current selected drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com