Electronic Components Datasheet Search
  English  ▼

X  

FDC37M707 Datasheet(PDF) 52 Page - SMSC Corporation

Part # FDC37M707
Description  Super I/O Controller with Wake-Up Features
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M707 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button FDC37M707 Datasheet HTML 48Page - SMSC Corporation FDC37M707 Datasheet HTML 49Page - SMSC Corporation FDC37M707 Datasheet HTML 50Page - SMSC Corporation FDC37M707 Datasheet HTML 51Page - SMSC Corporation FDC37M707 Datasheet HTML 52Page - SMSC Corporation FDC37M707 Datasheet HTML 53Page - SMSC Corporation FDC37M707 Datasheet HTML 54Page - SMSC Corporation FDC37M707 Datasheet HTML 55Page - SMSC Corporation FDC37M707 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 194 page
background image
52
If the host terminates a read or write operation
in the FDC, the ID information in the result
phase is dependent upon the state of the MT bit
and EOT byte. Refer to Table 20.
At the completion of the Read Data command,
the head is not unloaded until after the Head
Unload Time Interval (specified in the Specify
command) has elapsed.
If the host issues
another command before the head unloads,
then the head settling time may be saved
between subsequent reads.
If the FDC detects a pulse on the nINDEX pin
twice
without
finding
the
specified
sector
(meaning that the diskette's index hole passes
through index detect logic in the drive twice), the
FDC sets the IC code in Status Register 0
to
"01" indicating abnormal termination, sets
the ND bit in Status Register 1 to "1" indicating a
sector not found, and terminates the Read Data
Command.
After reading the ID and Data Fields in each
sector, the FDC checks the CRC bytes.
If a
CRC error occurs in the ID or data field, the
FDC sets the IC code in Status Register 0 to
"01" indicating abnormal termination, sets the
DE bit flag in Status Register 1 to "1", sets the
DD bit in Status Register 2 to "1" if CRC is
incorrect in the ID field, and terminates the Read
Data Command. Table 21 describes the effect
of the SK bit on the Read Data command
execution and results. Except where noted in
Table 21, the C or R value of the sector address
is automatically incremented (see Table 23).
Table 20 - Effects of MT and N Bits
MT
N
MAXIMUM TRANSFER
CAPACITY
FINAL SECTOR READ
FROM DISK
0
1
0
1
0
1
1
1
2
2
3
3
256 x 26 = 6,656
256 x 52 = 13,312
512 x 15 = 7,680
512 x 30 = 15,360
1024 x 8 = 8,192
1024 x 16 = 16,384
26 at side 0 or 1
26 at side 1
15 at side 0 or 1
15 at side 1
8 at side 0 or 1
16 at side 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com