Electronic Components Datasheet Search
  English  ▼

X  

H1AF Datasheet(PDF) 1 Page - RFE international

Part # H1AF
Description  Surface Mount High Efficient Rectifier H1AF Through H1MF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

H1AF Datasheet(HTML) 1 Page - RFE international

  H1AF Datasheet HTML 1Page - RFE international H1AF Datasheet HTML 2Page - RFE international H1AF Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S-S058
07-21-2020
°C
°C
°C
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Super fast reverse recovery time
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in high frequency rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, and telecommunication.
● Package: SMAF
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
■
(Ta=25
°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
H1AF
H1BF
H1DF
H1GF
H1JF
H1KF
H1MF
Device marking code
H1AF
H1BF
H1DF
H1GF
H1JF
H1KF
H1MF
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, resistance load, TL (Fig.1)
IO
A
1.0
Surge(non-repetitive)forward current
@60Hz half-sine wave,1 cycle, Ta=25
IFSM
A
30
Storage temperature
Tstg
-55~+150
Junction temperature
Tj
-55~+150
■
(Ta=25 Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
H1AF
H1BF
H1DF
H1GF
H1JF
H1KF
H1MF
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=1.0A
1.0
1.3
1.7
Maximum reverse recovery time
trr
ns
IF=0.5A,IR=1.0A,
Irr=0.25A
50
75
Maximum DC reverse current
at rated DC blocking voltage
per diode @ VRM=VRRM
IRRM
μA
Ta=25°C
5.0
Ta=125°C
100
°C
Surface Mount High Efficient Rectifier
H1AF Through H1MF
(SMAF)
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
■
■
■
■
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
H1AF
H1BF
H1DF
H1GF
H1JF
H1KF
H1MF
Thermal resistance
RθJ-A(1)
°C/W
751)
RθJ-L(1)
301)
THERMAL CHARACTERISTICS
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas


Similar Part No. - H1AF

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1AF YANGJIE-H1AF Datasheet
104Kb / 2P
High Efficient Rectifier Diode
logo
RFE international
H1AFS RFE-H1AFS Datasheet
2Mb / 3P
Surface Mount High Efficiency Rectifier H1AFS Through H1MFS
07-21-2020
More results

Similar Description - H1AF

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE1A SEMTECH_ELEC-SE1A Datasheet
197Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIER
logo
SUNMATE electronic Co.,...
MURA130 SUNMATE-MURA130 Datasheet
145Kb / 2P
1.0A Surface Mount High Efficient Rectifier
MURA160 SUNMATE-MURA160 Datasheet
109Kb / 2P
1.0A Surface Mount High Efficient Rectifier
logo
Taiwan Semiconductor Co...
UG2JAH TSC-UG2JAH Datasheet
505Kb / 6P
2A, 600V High Efficient Surface Mount Rectifier
logo
RFE international
H2AF RFE-H2AF Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier H2AF Through H2MF
07-21-2020
HS1AB RFE-HS1AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS1AB Through HS1MB
24-06-2020
HS2AA RFE-HS2AA Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS2AA Through HS2MA
07-22-2020
HS3A RFE-HS3A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3A Through HS3M
07-30-2020
HS3AB RFE-HS3AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3AB Through HS3MB
07-30-2020
HS5A RFE-HS5A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS5A Through HS5M
07-30-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com