Electronic Components Datasheet Search
  English  ▼

X  

S3A Datasheet(PDF) 2 Page - RFE international

Part # S3A
Description  Surface Mount General Purpose Rectifier S3A Through S3M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

S3A Datasheet(HTML) 2 Page - RFE international

  S3A Datasheet HTML 1Page - RFE international S3A Datasheet HTML 2Page - RFE international S3A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS (TYPICAL)
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Surface Mount General Purpose Rectifier
S3A Through S3M
(3amps, SMC)
09-JUN-2023
10
100
1
10
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
MOUNTED ON 0.20 x 0.27” (5 x 7mm)
COPPER PAD AREAS
t, PULSE DURATION, sec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com