Electronic Components Datasheet Search
  English  ▼

X  

SMT Datasheet(PDF) 4 Page - RFE international

Part # SMT
Description  SMD TANTALUM CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMT Datasheet(HTML) 4 Page - RFE international

  SMT Datasheet HTML 1Page - RFE international SMT Datasheet HTML 2Page - RFE international SMT Datasheet HTML 3Page - RFE international SMT Datasheet HTML 4Page - RFE international SMT Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 4 of 5
SMD TANTALUM CAPACITORS
SMT Series: Surface Mount
RoHS
ü
CAPACITANCE, RATED VOLTAGE AND ESR (25V ~ 50V)
C5BA04
2016.10.17
µ
F Code
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
Case
Code
DCL
Max (µA)
DF
Max (%)
ESR
Max (Ω)
0.1
104
A
0.5
4
24
A
0.5
4
22
A
0.5
4
15
B
0.5
4
16
A
0.5
4
18
B
0.5
4
14
A
0.5
4
12
B
0.5
4
12
A
0.5
4
9.5
B
0.5
4
9.5
C
0.5
4
8
A
0.5
4
8
B
0.5
4
8
C
0.5
4
7
A
0.5
4
8
A
0.5
4
7.5
B
0.5
4
7
B
0.5
4
5
B
0.5
4
6.5
C
0.5
4
5.5
A
0.5
6
7.5
B
0.5
6
5.2
C
0.5
6
4.5
A
0.6
6
7
B
0.6
6
4.5
C
0.6
6
3.5
A
0.8
6
4.5
B
0.8
6
3.5
C
0.8
6
2.5
A
1.2
8
6
C
2.4
4
1.4
B
1.2
6
2.8
D
2.4
6
1.4
C
1.2
6
2.4
E
2.4
6
1
B
1.7
8
2.8
C
1.7
6
2
D
1.7
6
1.4
B
2.5
6
3
C
3.5
6
1.6
D
5
6
0.8
C
2.5
6
1.8
D
3.5
6
1
E
5
6
0.7
D
2.5
6
1.2
E
3.5
6
0.9
V
5
6
0.7
C
3.8
6
1.6
D
5.3
6
0.9
E
7.5
6
0.7
D
3.8
6
1
E
5.3
6
0.8
V
7.5
6
0.7
C
5.5
6
1.4
D
7.7
6
0.9
D
5.5
6
0.9
E
7.7
6
0.7
D
8.3
6
0.9
E
8.3
6
0.9
D
8.3
6
0.9
E
16.5
6
0.6
E
8.3
6
0.9
V
16.5
6
0.6
68
686
E
17
6
0.9
100
107
E
25
8
0.5
120
127
E
32
9
0.6
150
157
220
227
330
377
470
477
680
687
Capacita
nce
Rated Voltage DC (VR) @ 85°C
25V (1E)
35V (1V)
50V (1H)
1.5
155
1
105
C
D
0.8
0.8
6
6
4.5
4
A
0.5
4
21
A
0.5
4
14
A
0.5
4
47
476
22
226
33
336
10
106
15
156
6.8
685
4.7
475
3.3
335
2.2
225
0.15
154
0.47
474
0.68
684
4
15
0.22
224
0.33
334
A
0.5
4
18
A
0.5
4
15
A
0.5
A
B
0.5
0.5
6
6
7.5
5
A
B
0.5
0.5
4
4
12
10
6
6
10
A
B
0.5
0.5
4
4
8
8
2.5
2
C
D
1.6
1.6
6
6
2.2
1.5
C
D
1.1
1.1
6
6
3
2.5
B
C
1.2
1.2
6
6
3.5
2.5
C
D
1.7
1.7
B
C
0.8
0.8
6
6
4.2
3.5
6
6
1
1
E
11.6
6
0.6
C
D
2.4
2.4
6
6
1.8
1.3
D
E
3.4
3.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com