Electronic Components Datasheet Search
  English  ▼

X  

Y2X1 Datasheet(PDF) 1 Page - RFE international

Part # Y2X1
Description  Y2/X1 AC Film Capacitors Y2X1 Series: Interference Suppressor, 300Vac
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

Y2X1 Datasheet(HTML) 1 Page - RFE international

  Y2X1 Datasheet HTML 1Page - RFE international Y2X1 Datasheet HTML 2Page - RFE international Y2X1 Datasheet HTML 3Page - RFE international Y2X1 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Y2/X1 AC Film Capacitors
Y2X1 Series: Interference Suppressor, 300Vac
FEATURES
INTRODUCTION
26-JUN-2023
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DIMENSIONS (mm)
Voltage
Voltage
Code
W
H
T
P
d
Code
W
H
T
P
d
Cap(μF)
±0.3 ±0.3 ±0.3
±0.05
Cap(μF)
±0.3 ±0.3 ±0.3
±0.05
0.0010 102
13
9
4
10
0.6
0.1500 154
31
18
9
27.5
0.8
0.0015 152
13
9
4
10
0.6
0.1800 184
26
20
11
22.5
0.8
0.0022 222
13
10
5
10
0.6
0.1800 184
31
21
11
27.5
0.8
0.0022 222
18
11
5
15
0.8
0.2200 224
26
24
14
22.5
0.8
0.0033 332
13
10
5
10
0.6
0.2200 224
31
22
13
27.5
0.8
0.0033 332
18
11
5
15
0.8
0.2700 274
26
24
13.5 22.5
0.8
0.0047 472
13
11
5
10
0.6
0.2700 274
31
22
13
27.5
0.8
0.0047 472
18
11
5
15
0.8
0.3300 334
26
25
15
22.5
0.8
0.0056 562
18
11
5
15
0.8
0.3300 334
31
26
13
27.5
0.8
0.0068 682
13
12
6
10
0.6
0.3300 334 41.5
22
12
37.5
1.0
0.0068 682
18
11
5
15
0.8
0.3900 394 41.5
24
13
37.5
1.0
0.0082 822
13
13
7
10
0.6
0.4700 474
31
29
15.5 27.5
0.8
0.0082 822
18
11
5
15
0.8
0.4700 474 41.5
24
13
37.5
1.0
0.0100 103
13
14
8
10
0.6
0.5600 564
31
32
16
27.5
0.8
0.0100 103
18
11
5
15
0.8
0.5600 564 41.5
26
14.5 37.5
1.0
0.0150 153
18
12
6
15
0.8
0.6800 684
31
30.5
20
27.5
0.8
0.0220 223
18
13
7
15
0.8
0.6800 684 41.5
30
17
37.5
1.0
0.0330 333
18
15
9
15
0.8
0.8200 824
31
37
22
27.5
0.8
0.0470 473
18
17
10
15
0.8
0.8200 824 41.5
30
17
37.5
1.0
0.0470 473
26
16
6
22.5
0.8
1.0000 105
31
37
22
27.5
0.8
0.0680 683
18
16
10
15
0.8
1.0000 105 41.5
32
19
37.5
1.0
0.0680 683
26
16.5
7.5
22.5
0.8
0.0820 823
18
19
11
15
0.8
0.1000 104
26
18
9
22.5
0.8
0.1000 104
31
18
9
27.5
0.8
0.1500 154
26
20
11
22.5
0.8
300VAC
300VAC
RECOGNITION
Cap.
Cap.
±0.5
±0.5
LL
*normal uncut leads are
20mm nominal (17mm min.)
*


Similar Description - Y2X1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-3550 VISHAY-F1740-3550 Datasheet
62Kb / 2P
Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
02-Oct-00
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
03-Oct-02
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
EMI suppressor, classes X1 and Y2, metallized paper
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
Interference suppression film capacitors
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
MPX474K275VAC225B200S RFE-MPX474K275VAC225B200S Datasheet
95Kb / 1P
AC ACROSS-THE-LINE FILM CAPACITORS MPX Series: Interference Suppressor X2
MPY103K250VAC150B RFE-MPY103K250VAC150B Datasheet
89Kb / 1P
AC Y -CLASS FILM CAPACITORS MPY Series: Interference Suppressor Y2
logo
Vishay Siliconix
WYO VISHAY-WYO Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
F17103101000 VISHAY-F17103101000 Datasheet
312Kb / 3P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
15-Oct-07
logo
Kemet Corporation
PME271 KEMET-PME271 Datasheet
56Kb / 4P
EMI suppressor, classes X1, X2 and Y2, metallized paper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com