Electronic Components Datasheet Search
  English  ▼

X  

PR1001 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR1001
Description  1.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1001 Datasheet(HTML) 1 Page - Diodes Incorporated

  PR1001_1 Datasheet HTML 1Page - Diodes Incorporated PR1001_1 Datasheet HTML 2Page - Diodes Incorporated PR1001_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS26008 Rev. 2 - 2
1 of 3
PR1001/L - PR1005/L
www.diodes.com
ã Diodes Incorporated
PR1001/L - PR1005/L
1.0A FAST RECOVERY RECTIFIER
Features
“L” Suffix Designates A-405 Package
No Suffix Designates DO-41 Package
A
A
B
C
D
Dim
DO-41 Plastic
A-405
Min
Max
Min
Max
A
25.40
¾
25.40
¾
B
4.06
5.21
4.10
5.20
C
0.71
0.864
0.53
0.64
D
2.00
2.72
2.00
2.70
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Fast Switching for High Efficiency
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 30A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS compliant (Note 4)
Mechanical Data
·
Case: DO-41, A-405
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Type Number
·
DO-41 Weight: 0.35 grams (approximate)
·
A-405 Weight: 0.2 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
1001/L
PR
1002/L
PR
1003/L
PR
1004/L
PR
1005/L
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 75
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.2
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
150
250
ns
Typical Junction Capacitance (Note 2)
Cj
15
8.0
pF
Typical Thermal Resistance Junction to Ambient
RqJA
75
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
Measured with IF = 0.5A, IR = 1A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.


Similar Part No. - PR1001_1

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PR1001 CTC-PR1001_15 Datasheet
61Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
PR1001 DIODES-PR1001_15 Datasheet
78Kb / 3P
1.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Galaxy Semi-Conductor H...
PR1001 BILIN-PR1001_15 Datasheet
268Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - PR1001_1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
1N4933 DIODES-1N4933 Datasheet
59Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. E-2
FR106 DIODES-FR106 Datasheet
58Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
PR1001 DIODES-PR1001 Datasheet
62Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. A-2
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
PR1001 DIODES-PR1001_2 Datasheet
78Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26008 Rev. 4 - 2
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
1.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF10A20S-G TOREX-XBF10A20S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
XBF10A60S-G TOREX-XBF10A60S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com