Electronic Components Datasheet Search
  English  ▼

X  

UF2004 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UF2004
Description  2.0A ULTRA-FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF2004 Datasheet(HTML) 3 Page - Diodes Incorporated

  UF2004 Datasheet HTML 1Page - Diodes Incorporated UF2004 Datasheet HTML 2Page - Diodes Incorporated UF2004 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS25007 Rev. 3 - 2
3 of 3
UF2001 - UF2007
www.diodes.com
Ordering Information (Note 5)
Device
Packaging
Shipping
UF2001-T
DO-15
4K/Tape & Reel, 13-inch
UF2002-T
DO-15
4K/Tape & Reel, 13-inch
UF2003-T
DO-15
4K/Tape & Reel, 13-inch
UF2004-T
DO-15
4K/Tape & Reel, 13-inch
UF2005-T
DO-15
4K/Tape & Reel, 13-inch
UF2006-T
DO-15
4K/Tape & Reel, 13-inch
UF2007-T
DO-15
4K/Tape & Reel, 13-inch
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com