Electronic Components Datasheet Search
  English  ▼

X  

IRF840 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IRF840
Description  PowerMOS transistor Avalanche energy rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF840 Datasheet(HTML) 5 Page - NXP Semiconductors

  IRF840 Datasheet HTML 1Page - NXP Semiconductors IRF840 Datasheet HTML 2Page - NXP Semiconductors IRF840 Datasheet HTML 3Page - NXP Semiconductors IRF840 Datasheet HTML 4Page - NXP Semiconductors IRF840 Datasheet HTML 5Page - NXP Semiconductors IRF840 Datasheet HTML 6Page - NXP Semiconductors IRF840 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
IRF840
Avalanche energy rated
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); parameter VDS
Fig.14. Typical switching times; t
d(on), tr, td(off), tf = f(RG)
Fig.15. Normalised drain-source breakdown voltage;
V
(BR)DSS/V(BR)DSS 25 ˚C = f(Tj)
Fig.16. Source-Drain diode characteristic.
I
F = f(VSDS); parameter Tj
Fig.17. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tp);
unclamped inductive load
Fig.18. Maximum permissible repetitive avalanche
current (I
AR) versus avalanche time (tp)
PHP8N50E
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
2040
6080
Gate charge, QG (nC)
Gate-source voltage, VGS (V)
ID = 8.5A
Tj = 25 C
VDD = 400 V
100V
200V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
PHP8N50
VSDS, Source-Drain voltage (Volts)
IF, Source-Drain diode current (Amps)
VGS = 0 V
Tj = 25 C
150 C
0
1020
3040
5060
10
100
1000
td(on)
PHP8N50
RG, Gate resistance (Ohms)
Switching times (ns)
Tj = 25 C
RD = 30 Ohms
VGS = 10 V
tf
td(off)
tr
VDD = 250 V
PHP8N50E
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
Avalanche time, tp (s)
Non-repetitive Avalanche current, IAS (A)
25 C
VDS
ID
tp
Tj prior to avalanche = 125 C
-100
-50
0
50
100
150
0.85
0.9
0.95
1
1.05
1.1
1.15
Tj, Junction temperature (C)
Normalised Drain-source breakdown voltage
V(BR)DSS @ Tj
V(BR)DSS @ 25 C
PHP8N50E
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
Avalanche time, tp (s)
Maximum Repetitive Avalanche Current, IAR (A)
125 C
Tj prior to avalanche = 25 C
March 1999
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com